Electronic Components Datasheet Search
  English  ▼

X  

CXD2302 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXD2302
Description  8-bit 50MSPS Video A/D Converter with Clamp Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXD2302 Datasheet HTML 9Page - Sony Corporation CXD2302 Datasheet HTML 10Page - Sony Corporation CXD2302 Datasheet HTML 11Page - Sony Corporation CXD2302 Datasheet HTML 12Page - Sony Corporation CXD2302 Datasheet HTML 13Page - Sony Corporation CXD2302 Datasheet HTML 14Page - Sony Corporation CXD2302 Datasheet HTML 15Page - Sony Corporation CXD2302 Datasheet HTML 16Page - Sony Corporation CXD2302 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
– 13 –
CXD2302Q
10p
GND (Analog)
2
3
4
5
6
7
8
1
9
10
11
12
13
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
+5V (Digital)
0.1µ
GND (Digital)
+5V (Analog)
0.01µ
CLOCK IN
VIDEO IN
33
Ω
0.1µ
0.01µ
OPEN
ACO4
14
15
D7
D6
D5
D4
D3
D2
D1
D0
I-3. When clamp is not used (self-bias used)
+5V (Analog)
GND (Analog)
10p
2
3
4
5
6
7
8
1
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
26
27
28
29
30
31
32
+5V (Digital)
0.1µ
0.01µ
GND (Digital)
+5V (Analog)
0.01µ
CLOCK IN
CLAMP PULSE IN
VIDEO IN
10µ 33
Ω
0.1µ
VREF
20K
0.01µ
OPEN
ACO4
D7
D6
D5
D4
D3
D2
D1
D0
25
VRB
VRT
I-4. When clamp is used (self-bias not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com