Electronic Components Datasheet Search
  English  ▼

X  

CXD2302 Datasheet(PDF) 21 Page - Sony Corporation

Part # CXD2302
Description  8-bit 50MSPS Video A/D Converter with Clamp Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302 Datasheet(HTML) 21 Page - Sony Corporation

Back Button CXD2302 Datasheet HTML 17Page - Sony Corporation CXD2302 Datasheet HTML 18Page - Sony Corporation CXD2302 Datasheet HTML 19Page - Sony Corporation CXD2302 Datasheet HTML 20Page - Sony Corporation CXD2302 Datasheet HTML 21Page - Sony Corporation CXD2302 Datasheet HTML 22Page - Sony Corporation CXD2302 Datasheet HTML 23Page - Sony Corporation CXD2302 Datasheet HTML 24Page - Sony Corporation CXD2302 Datasheet HTML 25Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
– 21 –
CXD2302Q
List of Parts
resistance
R1
100K
R2
75
Ω
R3
75
Ω
R4
510
Ω
R5
510
Ω
R6
510
Ω
R7
R = 200
R8
18R
≈ 3.3K
R9
75
Ω
R10
75
Ω
VR1
2K
VR2
2K
VR3
20K
VR4
20K
VR5
20K
capacitance
C1
470µF/6.3V (chemical)
C2
10µF/16V (chemical)
C3
0.01µF
C4
0.01µF
C5
0.1µF
C6
0.1µF
C7
0.1µF
C8
0.1µF
C9
0.1µF
C10
0.1µF
C11
47µF/10V (chemical)
C12
47µF/10V (chemical)
C13
47µF/10V (chemical)
C14
0.1µF
transistor
Q1
2SC2785
Q2
2SC2785
Q3
2SC2785
IC
IC1
74S174
IC2
74S174
IC3
74S04
oscillator
OSC
others
connector
BNC071
SW
AT1D2M3
Adjustment
1. Vref adjustment (VR1, VR2)
Adjustment of A/D converter reference voltage. VRB is adjusted through VR1 and VRT through VR2.
When self bias is used, there is no need for adjustment. Reference voltage is set through self bias delivery.
2. Setting of clamp reference voltage (VR3)
Clamp reference voltage is set.
3. DAC output full scale adjustment (VR4)
Full scale voltage of D/A converter output is adjusted at the PCB shipment, the full scale voltage is
adjusted to approx. 2V.
4. Sync (clamp) pulse interface (VR5)
This adjustment enables interface with the signal generator and others at the PCB shipment, adjustment is
performed to obtain a threshold of approx. 2.5V to an H sync of 0 to 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com