Electronic Components Datasheet Search
  English  ▼

X  

CXD2302 Datasheet(PDF) 6 Page - Sony Corporation

Part # CXD2302
Description  8-bit 50MSPS Video A/D Converter with Clamp Function
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2302 Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXD2302 Datasheet HTML 2Page - Sony Corporation CXD2302 Datasheet HTML 3Page - Sony Corporation CXD2302 Datasheet HTML 4Page - Sony Corporation CXD2302 Datasheet HTML 5Page - Sony Corporation CXD2302 Datasheet HTML 6Page - Sony Corporation CXD2302 Datasheet HTML 7Page - Sony Corporation CXD2302 Datasheet HTML 8Page - Sony Corporation CXD2302 Datasheet HTML 9Page - Sony Corporation CXD2302 Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
– 6 –
CXD2302Q
Electrical Characteristics
Analog characteristics
(Fc = 50MHz, AVDD = 5V, DVDD = 3 to 5.5V, VRB = 0.5V, VRT = 2.5V, Ta = 25°C)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Max. conversion rate
Min. conversion rate
Analog input band width
Differential non-linearity error
Integral non-linearity error
Offset voltage∗1
Differential gain error
Differential phase error
Sampling delay
Clamp offset voltage∗2
EOC
SNR
FIN = 100kHz
FIN = 500kHz
FIN = 1MHz
FIN = 3MHz
FIN = 10MHz
FIN = 25MHz
FIN = 100kHz
FIN = 500kHz
FIN = 1MHz
FIN = 3MHz
FIN = 10MHz
FIN = 25MHz
45
44
44
43
38
32
51
46
49
46
45
45
dB
dB
FSDR
VIN = DC
CIN = 10µF
tpcw = 2.75µs
Fc = 14.3MHz
Fclp = 15.75kHz
VREF = 0.5V
020
40
mV
020
40
VREF = 2.5V
Signal-to-noise ratio
Spurious free dynamic
range
Fc max.
Fc min.
BW
ED
EL
EOT
EOB
DG
DP
tsd
50
–70
20
65
60
100
±0.3
+0.7
–50
40
3
1.5
0
0.5
±0.5
±1.5
–30
60
MSPS
MHz
LSB
mV
%
deg
ns
–1dB
–3dB
End point
Potential difference to VRT
Potential difference to VRB
NTSC 40 IRE mod ramp
Fc =14.3MSPS
AVDD = 4.75 to 5.25V
Ta = –40 to +85°C,
VIN = 0.5 to 2.5V
fIN = 1kHz triangular wave
Envelope
RIN = 33
Ω
∗1 The offset voltage EOB is a potential difference between VRB and a point of position where the voltage
drops equivalent to 1/2 LSB of the voltage when the output data changes from “00000000” to “00000001”.
EOT is a potential difference between VRT and a potential of point where the voltage rises equivalent to
1/2LSB of the voltage when the output data changes from “11111111” to “11111110”.
∗2 Clamp offset voltage varies individually. When using with R, G, B 3 channels, color sliding may be
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com