Electronic Components Datasheet Search
  English  ▼

X  

CXD2467Q Datasheet(PDF) 13 Page - Sony Corporation

Part # CXD2467Q
Description  Digital Signal Driver/Timing Generator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2467Q Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXD2467Q Datasheet HTML 9Page - Sony Corporation CXD2467Q Datasheet HTML 10Page - Sony Corporation CXD2467Q Datasheet HTML 11Page - Sony Corporation CXD2467Q Datasheet HTML 12Page - Sony Corporation CXD2467Q Datasheet HTML 13Page - Sony Corporation CXD2467Q Datasheet HTML 14Page - Sony Corporation CXD2467Q Datasheet HTML 15Page - Sony Corporation CXD2467Q Datasheet HTML 16Page - Sony Corporation CXD2467Q Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
– 13 –
CXD2467Q
Parallel Transfer Data AC Characteristics
(VDD = 3.3 ± 0.3V, VSS = 0V, Topr = –20 to +75°C)
Item
PCTL setup time with respect to rise of PCLK
PCTL hold time with respect to rise of PCLK
PDAT[9:0] setup time with respect to rise of PCLK
PDAT[9:0] hold time with respect to rise of PCLK
PCLK pulse width
tcs
tch
tds
tdh
tw
Symbol
8T∗5
8T
4T
4T
4T
—
—
—
—
—
—
—
—
—
—
Min.
Typ.
Max.
∗5 T: Master clock (CLK1P/CLK1N, CLK1C, CLK3P/CLK3N, CLK3C) cycle [ns]
Timing Definition
PCTL
PCLK
PDAT[9:0]
tw
tds
50%
50%
50%
50%
50%
50%
tdh
tcs
tw
tch
VDD
VDD
VDD
0V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com