Electronic Components Datasheet Search
  English  ▼

X  

CXD2467Q Datasheet(PDF) 14 Page - Sony Corporation

Part # CXD2467Q
Description  Digital Signal Driver/Timing Generator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2467Q Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXD2467Q Datasheet HTML 10Page - Sony Corporation CXD2467Q Datasheet HTML 11Page - Sony Corporation CXD2467Q Datasheet HTML 12Page - Sony Corporation CXD2467Q Datasheet HTML 13Page - Sony Corporation CXD2467Q Datasheet HTML 14Page - Sony Corporation CXD2467Q Datasheet HTML 15Page - Sony Corporation CXD2467Q Datasheet HTML 16Page - Sony Corporation CXD2467Q Datasheet HTML 17Page - Sony Corporation CXD2467Q Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
– 14 –
CXD2467Q
Description of Operation
1. DSD and TG Blocks
1-1. Description of Input/Output Pins
(a) Sync signal input pins (HDIN1 and VDIN1)
Horizontal and vertical separate sync signals are input to HDIN1 (Pin 22) and VDIN1 (Pin 23), respectively.
The CXD2467Q supports only non-interlace sync signals with a dot clock of 135MHz or less. Also, the HSYNC
width should be 40 dot clocks or more, and the VSYNC width, 1H or more.
(b) Sync signal polarity setting pins (HDPOL1 and VDPOL1)
The polarity of the input horizontal and vertical sync signals are set by HDPOL1 (Pin 24) and VDPOL1 (Pin
25), respectively. Set to high level for positive polarity, and to low level for negative polarity.
(c) Master clock input pins (CLK1P/CLK1N, CLK1C and CLK2) and clock selection pins (CLKSEL1 and CLKSEL2)
Phase comparison is performed by an external circuit and a clock synchronized to the sync signal is input. The
1/N (N is the number of clocks during one horizontal period) frequency-divided dot clock pulse is output from
HRET (Pin 51) for the external phase comparator.
The master clock input pins consist of CLK1P/CLK1N (Pins 26 and 27) for small-amplitude differential input
(center level: 2.0V, amplitude: ±0.4V), and CLK1C (Pin 29) and CLK2 (Pin 31) for CMOS level input for a total
of three channels. These are selected according to CLKSEL1 (Pin 35) and CLKSEL2 (Pin 36).
CLKSEL1
CLKSEL2
Selected clock input pins
L
H
—
L
L
H
CLK1P/CLK1N (small-amplitude differential input, input at the same frequency as
the dot clock)
CLK1C (CMOS level input, input at the same frequency as the dot clock)
CLK2 (CMOS level input, input at 1/2 the frequency of the dot clock)
—: Don't care
(d) Clock polarity switching pin (CLKPOL1)
When CLK1P/1N or CLK1C is selected, the clock is 1/2 frequency divided inside the IC using the falling edge
of the HD pulse as the reference. The polarity of this 1/2 frequency-divided clock is switched by CLKPOL1 (Pin
37). Normally CLKPOL1 is used at low level.
CLK1P
CLKPOL1 = L
CLKPOL1 = H
HDIN1 (Active Low)
Internal clock for
DSD and TG blocks
(e) RGB signal input pins (R1IN, R2IN, G1IN, G2IN, B1IN and B2IN)
These pins input RGB signals that have been demultiplexed to 1:2. The Red signal is input to R1IN (Pins 172,
173 and 176 to 181) and R2IN (Pins 182 to 185 and 188 to 191), the Green signal to G1IN (Pins 192 to 197,
199 and 200) and G2IN (Pins 201 to 208), and the Blue signal to B1IN (Pins 211 to 218) and B2IN (Pins 219 to
221 and 223 to 227).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com