Electronic Components Datasheet Search
  English  ▼

X  

CXD2467Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXD2467Q
Description  Digital Signal Driver/Timing Generator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2467Q Datasheet(HTML) 1 Page - Sony Corporation

  CXD2467Q Datasheet HTML 1Page - Sony Corporation CXD2467Q Datasheet HTML 2Page - Sony Corporation CXD2467Q Datasheet HTML 3Page - Sony Corporation CXD2467Q Datasheet HTML 4Page - Sony Corporation CXD2467Q Datasheet HTML 5Page - Sony Corporation CXD2467Q Datasheet HTML 6Page - Sony Corporation CXD2467Q Datasheet HTML 7Page - Sony Corporation CXD2467Q Datasheet HTML 8Page - Sony Corporation CXD2467Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Digital Signal Driver/Timing Generator
Description
The CXD2467Q incorporates digital signal processor
type RGB driver and timing generator functions onto a
single IC. Operation is possible with a system clock up
to 135MHz (max.). This IC can process video signals
in bands up to SXGA standard, and can output the
timing signals for driving various LCD panels such as
SXGA (LCX028) and XGA (LCX017 and LCX023).
Features
• Various picture quality adjustment functions such
as user adjustment, white balance adjustment and
gamma correction
• OSD MIX, black frame processing, mute and limiter
functions
• Drives various data projector LCD panels such as
SXGA (LCX028) and XGA (LCX017 and LCX023)
• Controls the sample-and-hold position of the
CXA2112R sample-and-hold driver
• Line inversion and field inversion signal generation
• Supports AC drive of LCD panels during no signal
Applications
LCD projectors and other video equipment
Structure
Silicon gate CMOS IC
Absolute Maximum Ratings (VSS = 0V)
• Supply voltage
VDD
VSS – 0.5 to +4.0
V
• Input voltage
VI
Vss – 0.5 to VDD + 0.5
V
• Output voltage
VO
Vss – 0.5 to VDD + 0.5
V
• Storage temperature
Tstg
–55 to +125
°C
Recommended Operating Conditions
• Supply voltage
VDD
3.0 to 3.6
V
• Operating temperature
Topr
–20 to +75
°C
– 1 –
E98X38-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXD2467Q
240 pin QFP (Plastic)
Note) Company names and product names, etc. contained in these materials are the trademarks or registered
trademarks of the respective companies.
For the availability of this product, please contact the sales office.


Similar Part No. - CXD2467Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2467AQ SONY-CXD2467AQ Datasheet
529Kb / 38P
Digital Signal Driver/Timing Generator
More results

Similar Description - CXD2467Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2467AQ SONY-CXD2467AQ Datasheet
529Kb / 38P
Digital Signal Driver/Timing Generator
CXD3511AQ SONY-CXD3511AQ Datasheet
569Kb / 84P
Digital Signal Driver/Timing Generator
CXD3511Q SONY-CXD3511Q Datasheet
531Kb / 79P
Digital Signal Driver/Timing Generator
CXD3526GG SONY-CXD3526GG Datasheet
475Kb / 88P
Digital Signal Driver/Timing Generator
logo
Analog Devices
AD9925 AD-AD9925 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
10/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
Sony Corporation
CXD3536R SONY-CXD3536R Datasheet
123Kb / 2P
Digital Signal Driver/Timing Generator
logo
Texas Instruments
VSP2264 TI-VSP2264 Datasheet
745Kb / 63P
CCD SIGNAL PROCESSOR WITH TIMING GENERATOR FOR DIGITAL CAMERAS
VSP2265 TI-VSP2265 Datasheet
1Mb / 88P
CCD Signal Processor with Timing Generator for Digital Cameras
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9925 AD-AD9925_15 Datasheet
1Mb / 96P
CCD Signal Processor with Vertical Driver and Precision Timing Generator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com