Electronic Components Datasheet Search
  English  ▼

X  

ALS40 Datasheet(PDF) 1 Page - Kemet Corporation

Part # ALS40
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS40 Datasheet(HTML) 1 Page - Kemet Corporation

  ALS40 Datasheet HTML 1Page - Kemet Corporation ALS40 Datasheet HTML 2Page - Kemet Corporation ALS40 Datasheet HTML 3Page - Kemet Corporation ALS40 Datasheet HTML 4Page - Kemet Corporation ALS40 Datasheet HTML 5Page - Kemet Corporation ALS40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RoHS
Compliant
ALS40 Series 105°C
• CompactSize
• LongLife,9000hoursat105°C(Ur,Irapplied)
• Highripplecurrent
• Excellentsurgevoltagecapability
• Optimizeddesignsavailableonrequest
appLICatIOn
BaSICdESIgn
Smoothing, energy storage, or pulse opera-
tion in telecommunication demanding power
supplies, process control, AC-motor control,
traction, welding and measuring.
SpECIfICatIOn
Standards
IEC 60384-4 Long Life Grade 40/105/56,
Capacitancerange
150 – 680000 µF
Capacitancetolerance
–20 to +20%
RatedvoltageU
R
25–450 VDC
SurgevoltageU
S
1.15 x U
R (for UR < 250 VDC)
1.10 x U
R (for UR > 350 VDC)
SurgevoltageU
SS
(Shortduration)
LeakagecurrentI
L
= 0.003 x C
R x UR (µA) or 6mA whichever
is the smaller. Note, C
R is in µF.
Operationallifetime
+105°C,U
R,IR
+105°C,U
R
ShelfLife
2000 hrs at 0V +85°C, or 30000 hrs at 0V +40°C
temperaturerange
–40 to +105°C (Operating) -55°C to +105°C (Storage)
Can Diameter
36
6000 hrs
51
7000 hrs
66
8000 hrs
77, 90
9000 hrs
End of Life requirement:
∆C/C
< ±10%
ESR
< 2 x initial ESR value
I
L
< initial specified limit
Can Diameter
36
10000 hrs
51
11000 hrs
66
13000 hrs
77, 90
15000 hrs
U
R
U
SS
200
350
250
400
350
500
400
520
415
530
450
550
500
600
Test Condition:
< 500ms surge, 100 cycles @ 20°C
Test Condition:
< 30s surge, 1000 cycles @ 105°C
Test Condition:
U
R, 5mins., 20°C
The ALS40/41 series of screw terminal
capacitors feature the same high ripple
currents and long life characteristics as the
ALS30/31 series but can operate at higher
temperatures. They are similarly suited for
high reliability and long life applications
such as frequency converters, UPS
systems and switch mode power supplies,
but the extended temperature range
allows increased ripple currents at lower
temperatures.


Similar Part No. - ALS40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS40 KEMET-ALS40 Datasheet
5Mb / 66P
Aluminum Electrolytic Capacitors
logo
Mersen
ALS400 MERSEN-ALS400 Datasheet
383Kb / 2P
Forklift Truck Fuses
logo
Kemet Corporation
ALS40A103KF100 KEMET-ALS40A103KF100 Datasheet
74Kb / 1P
ALS40, Aluminum Electrolytic, 105C, 0.01 F, 20%, 100 V, -40/105C
ALS40A104KF025 KEMET-ALS40A104KF025 Datasheet
75Kb / 1P
ALS40, Aluminum Electrolytic, 105C, 0.1 F, 20%, 25 V, -40/105C
ALS40A221DE450 KEMET-ALS40A221DE450 Datasheet
74Kb / 1P
ALS40, Aluminum Electrolytic, 105C, 220 uF, 20%, 450 V, -40/105C
More results

Similar Description - ALS40

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10 KEMET-ALC10 Datasheet
701Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56,
ALC12 KEMET-ALC12 Datasheet
565Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALC40 KEMET-ALC40 Datasheet
686Kb / 6P
IEC 60384-4 Long Life Grade 40/105/56
ALC42 KEMET-ALC42 Datasheet
584Kb / 5P
IEC 60384-4 Long Life Grade 40/105/56
ALS30 KEMET-ALS30 Datasheet
496Kb / 7P
IEC 60384-4 Long Life Grade 40/85/56
ALS32 KEMET-ALS32 Datasheet
483Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS36 KEMET-ALS36 Datasheet
227Kb / 8P
IEC 60384-4 Long Life Grade 40/85/56
ALS42 KEMET-ALS42 Datasheet
215Kb / 4P
IEC 60384-4 Long Life Grade 40/105/56
PEH200 KEMET-PEH200 Datasheet
295Kb / 5P
IEC 60384-4 Long Life Grade 40/85/56, DIN 41240
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com