Electronic Components Datasheet Search
  English  ▼

X  

ALS40 Datasheet(PDF) 6 Page - Kemet Corporation

Part # ALS40
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS40 Datasheet(HTML) 6 Page - Kemet Corporation

  ALS40 Datasheet HTML 1Page - Kemet Corporation ALS40 Datasheet HTML 2Page - Kemet Corporation ALS40 Datasheet HTML 3Page - Kemet Corporation ALS40 Datasheet HTML 4Page - Kemet Corporation ALS40 Datasheet HTML 5Page - Kemet Corporation ALS40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
81
BHC and Evox Rifa Electrolytic Capacitors
aLS40105°C
aRtICLEtaBLEaLS40(105°C)
Cap
(µf)
Case
Size
(mm)
ESR(m
W)
at20°C
100Hz(max)
Impedance(m
W)
at20°C
10KHz(max)
Ripplecurrent(a)at
105°C
typenumber
100Hz
10KHz
450VdC(U
R)
MountingStyle0=plainor1=stud
terminationStylea,C,g,J,MorR
* *
150
36x52
721
360
1.8
4.5
ALS4 - - 151DA450
150
36x62
715
356
1.9
4.8
ALS4 - - 151DB450
220
36x82
487
242
2.5
6.2
ALS4 - - 221DE450
330
36x105
325
162
3.2
7.9
ALS4 - - 331DF450
470
51x82
239
123
4.1
9.0
ALS4 - - 471KE450
680
51x105
164
84
5.3
11.3
ALS4 - - 681KF450
1000
77x75
125
69
7.0
13.2
ALS4 - - 102ND450
1500
66x105
79
42
8.9
17.1
ALS4 - - 152MF450
1500
90x67
78
57
8.7
15.3
ALS4 - - 152QC450
1500
90x75
87
49
9.3
16.7
ALS4 - - 152QD450
1500
77x105
80
43
9.8
18.7
ALS4 - - 152NF450
2200
90x98
58
32
12.5
22.5
ALS4 - - 222QH450
2200
77x146
54
29
13.1
22.9
ALS4 - - 222NP450
3300
77x146
38
27
14.6
22.0
ALS4 - - 332NP450
3300
90x146
37
20
17.4
28.9
ALS4 - - 332QP450
4700
77x220
27
15
21.9
32.0
ALS4 - - 472NT450
6800
90x220
19
15
23.5
39.2
ALS4 - - 682QT450
MECHanICaLdata
Mountingposition
The capacitor can be mounted in any
position so long as the safety vent can
operate. It is possible for some electrolyte
to be expelled. As this is a conducting liquid,
suitable precautions should be instigated
by the system designer to avoid secondary
short circuits.
The capacitors are designed to be mounted
in free air and are not suitable for submersion
in liquid.
Vibration
10Hz to 55Hz at 0.75mm or 10g for 3x2hrs
duration. Except 220mm long cans 10Hz
to 55Hz at 0.35mm or 5g for 3x0.5hrs
duration.
Insulatingresistance
> 100 Mohms at 100V d.c., across insulating
sleeve.
Voltageproof
> 2500V d.c., across insulating sleeve.
Safetyvent
A safety vent for over pressure is featured on
terminal deck. This is in the form of a rubber
plug designed to relieve build up of internal
pressure due to over stress or catastrophic
failure.
OpERatIOnaLdata
The failure rate is derived from our periodic
test results. The failure rate (
λ
R) is therefore
only given at test temperature for life tests.
An estimation is also given at 40°C. The
expected failure rate for this capacitor range
is based on our periodic test results for
capacitors with structural similarity. Failure
rate is frequently quoted in FIT (Failures In
Time) where 1 FIT = 1 x 10-9 failures per hour.
Failure rates include both catastrophic and
parametric failures
T
a
Failure rate per hour
85°C
220 FIT
40°C
10 FIT
RELIaBILIty
OperationalLifetime
Please see separate BHC application
notes TD003 for calculating operational
life expectancy under customer specific
conditions.
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com