Electronic Components Datasheet Search
  English  ▼

X  

ALS40 Datasheet(PDF) 5 Page - Kemet Corporation

Part # ALS40
Description  IEC 60384-4 Long Life Grade 40/105/56
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS40 Datasheet(HTML) 5 Page - Kemet Corporation

  ALS40 Datasheet HTML 1Page - Kemet Corporation ALS40 Datasheet HTML 2Page - Kemet Corporation ALS40 Datasheet HTML 3Page - Kemet Corporation ALS40 Datasheet HTML 4Page - Kemet Corporation ALS40 Datasheet HTML 5Page - Kemet Corporation ALS40 Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
aLS40105°C
aRtICLEtaBLEaLS40(105°C)
Cap
(µf)
Case
Size
(mm)
ESR(m
W)
at20°C
100Hz(max)
Impedance(m
W)
at20°C
10KHz(max)
Ripplecurrent(a)at
105°C
typenumber
100Hz
10KHz
350VdC(U
R)
400VdC(U
R)
415VdC(U
R)
MountingStyle0=plainor1=stud
terminationStylea,C,g,J,MorR
* *
220
36x52
457
303
1.8
4.5
ALS4 - - 221DA350
330
36x62
307
204
2.4
5.7
ALS4 - - 331DB350
470
36x82
215
143
3.0
7.2
ALS4 - - 471DE350
680
36x105
149
99
3.9
8.9
ALS4 - - 681DF350
1000
51x82
113
78
5.0
10.0
ALS4 - - 102KE350
1500
51x105
75
52
6.8
12.5
ALS4 - - 152KF350
2200
77x75
66
49
8.3
13.7
ALS4 - - 222ND350
2200
66x105
51
35
9.8
17.9
ALS4 - - 222MF350
2200
90x67
74
52
9.1
16.4
ALS4 - - 222QC350
2200
90x75
56
40
9.4
17.8
ALS4 - - 222QD350
3300
77x105
41
30
11.7
19.7
ALS4 - - 332NF350
4700
90x98
31
23
14.6
23.2
ALS4 - - 472QH350
4700
77x146
27
20
15.7
23.6
ALS4 - - 472NP350
6800
90x146
19
14
20.3
29.7
ALS4 - - 682QP350
6800
77x220
23
17
25.4
35.7
ALS4 - - 682NT350
10000
90x220
21
16
31.0
42.7
ALS4 - - 103QT350
220
36x52
542
349
2.0
4.9
ALS4 - - 221DA400
220
36x62
537
344
2.1
5.4
ALS4 - - 221DB400
470
36x82
254
164
3.2
7.8
ALS4 - - 471DE400
470
36x105
251
161
3.5
8.5
ALS4 - - 471DF400
680
51x82
183
121
4.2
9.8
ALS4 - - 681KE400
1000
51x105
124
81
5.6
12.3
ALS4 - - 102KF400
1500
77x75
93
64
7.6
13.9
ALS4 - - 152ND400
2200
66x105
60
41
9.7
18.1
ALS4 - - 222MF400
2200
90x67
63
44
9.4
15.9
ALS4 - - 222QC400
2200
90x75
67
47
10.0
17.5
ALS4 - - 222QD400
2200
77x105
62
42
10.6
19.8
ALS4 - - 222NF400
3300
90x98
44
31
13.6
23.4
ALS4 - - 332QH400
4700
77x146
33
23
15.4
22.6
ALS4 - - 472NP400
6800
90x146
23
17
20.0
28.3
ALS4 - - 682QP400
6800
77x220
21
15
23.5
33.3
ALS4 - - 682NT400
10000
90x220
18
14
29.0
40.3
ALS4 - - 103QT400
220
36x52
530
331
2.0
5.0
ALS4 - - 221DA415
220
36x62
524
325
2.1
5.4
ALS4 - - 221DB415
330
36x82
349
217
2.8
7.1
ALS4 - - 331DE415
470
36x105
245
152
3.5
8.7
ALS4 - - 471DF415
680
51x82
180
115
4.4
9.9
ALS4 - - 681KE415
1000
51x105
122
77
5.8
12.3
ALS4 - - 102KF415
1500
77x75
95
65
7.6
13.8
ALS4 - - 152ND415
2200
66x105
60
39
9.7
18.1
ALS4 - - 222MF415
2200
90x67
61
43
9.4
15.8
ALS4 - - 222QC415
2200
90x75
67
47
10.0
17.3
ALS4 - - 222QD415
2200
77x105
61
41
10.7
19.7
ALS4 - - 222NF415
3300
90x98
44
30
13.6
23.3
ALS4 - - 332QH415
3300
77x146
40
27
14.2
23.6
ALS4 - - 332NP415
4700
90x146
29
19
18.5
29.8
ALS4 - - 472QP415
6800
77x220
21
14
23.0
32.5
ALS4 - - 682NT415
10000
90x220
18
14
28.3
39.3
ALS4 - - 103QT415



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com