Electronic Components Datasheet Search
  English  ▼

X  

TS9005SCW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS9005SCW
Description  600mA Adjustable CMOS LDO with Enable Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005SCW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9005SCW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
3/7
Version: C07
Typical Application Circuit
Fixed Version
Adjustable Version
Fixed Version
Application Information
TS9005 is specifically designed for portable applications requiring minimum board space and smallest components.
It can provide 600mA output current at dropout voltage about 600mV. Beside, current limit and thermal shutdown
features provide protection against any combination of overload or ambient temperature that could exceed junction
temperature.
Capacitor Selection
TS9005 is designed to be stable with a wide range of output capacitors. The ESR of the output capacitor affects
stability. Larger output capacitor value can decrease peak deviations and to improve transition response for larger
current changes. So the ESR of output capacitor is very important because it generates a zero to provide phase lead
for loop stability. There is no requirement for the ESR on the input capacitor, but voltage and temperature coefficient
have to be considered for device application environments.
The capacitor types (aluminum, ceramic and tantalum) have difference characterizations such as temperature and
voltage coefficients. All ceramic capacitors are produces with a variety of dielectrics, each with different behavior
across temperature and applications. Common dielectric use are X5R, X7R and Y5V. It is recommended to use 1uF
X5R or X7R dielectric ceramic capacitor with 30mΩ~50mΩ ESR range between device outputs to ground for transient
stability.
Current Limit and Thermal Shutdown Protection
In order to prevent overloading or thermal condition from damaging the device, TS9005 regulator has internal thermal
and current limiting functions designed to protect the device. It will rapidly shut off PMOS pass element during
overloading or over temperature condition.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com