Electronic Components Datasheet Search
  English  ▼

X  

TS9005SCW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9005SCW
Description  600mA Adjustable CMOS LDO with Enable Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005SCW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9005SCW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
1/7
Version: C07
SOT-223
SOT-89
SOT-25
General Description
The TS9005 is a low dropout, positive linear regulator with very low quiescent. It can supply 600mA output current
with low dropout about 500mV.The BP pin with a 10nF bypass capacitor can help reduce the output noise level. The
characteristics of low dropout voltage and less quiescent current make it good for some critical current application,
for example, some battery powered devices. The typical quiescent current is approximately 45µA. In the shutdown
mode, the maximum supply current is less than 1uA. The TS9005 regulator is able to operate with output capacitors
as small as 1uF for stability.
Features
●
Input voltage range: 2.5V~6V
●
VDROP typically 400mV@Io=600mA (Vout≥2.8V)
●
VOUT adjust range from 0.8V~5V
●
Output current up to 600mA guaranteed
●
Current limit and thermal shutdown protection
●
Low quiescent current at 45uA (typ.)
●
Needs only 1uF capacitor for stability
●
Maximum supply current in shutdown mode <1uA
Applications
●
Instrumentation
●
Wireless device
●
Battery powered equipment
●
Portable Devices
Ordering Information
Note: Where x denotes voltage option, available are
D=1.8V
K=2.5V
S=3.3V
Leave blank for adjustable voltage
Contact factory for additional voltage options.
Part No.
Package
Packing
TS9005xCW RP
SOT-223
2.5Kpcs / 13” Reel
TS9005xCY RM
SOT-89
1Kpcs / 7” Reel
TS9005xCX5 RF
SOT-25
3Kpcs / 7” Reel
Block Diagram
(Adjustable Version)
Block Diagram
(Fixed Version)
Pin Definition:
1. Ground
2. Input
3. Output
Pin Definition:
1. Input
2. Ground
3. Enable
4. Bypass
5. Output
Pin Definition:
1. Ground
2. Input
3. Output


Similar Part No. - TS9005SCW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5RF TSC-TS9005SCX5RF Datasheet
103Kb / 5P
600mA CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
More results

Similar Description - TS9005SCW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005KCY TSC-TS9005KCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
600mA Adjustable CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
600mA CMOS LDO with Enable Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com