Electronic Components Datasheet Search
  English  ▼

X  

TS9005SCW Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS9005SCW
Description  600mA Adjustable CMOS LDO with Enable Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005SCW Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS9005SCW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005SCW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
5/7
Version: C07
SOT-89 Mechanical Drawing
Marking Diagram
A
= Device Code
Y
= Year Code
M = Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug,
I=Sep, J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Fixed Output Voltage Code
D=1.8V, K=2.5V, S=3.3V
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com