Electronic Components Datasheet Search
  English  ▼

X  

XC6233 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6233
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6233 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6233 Datasheet HTML 9Page - Torex Semiconductor XC6233 Datasheet HTML 10Page - Torex Semiconductor XC6233 Datasheet HTML 11Page - Torex Semiconductor XC6233 Datasheet HTML 12Page - Torex Semiconductor XC6233 Datasheet HTML 13Page - Torex Semiconductor XC6233 Datasheet HTML 14Page - Torex Semiconductor XC6233 Datasheet HTML 15Page - Torex Semiconductor XC6233 Datasheet HTML 16Page - Torex Semiconductor XC6233 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
XC6233
シリーズ
■特性例
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
XC6233(VOUT=3.3V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
50
100
150
200
250
300
350
Output Current : IOUT (mA)
VIN=3.4V
VIN=3.8V
VIN=4.3V
VIN=4.8V
VIN=5.5V
XC6233(VOUT=3.3V)
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
0
50
100
150
200
250
300
350
Output Current : IOUT (mA)
Ta=85℃
Ta=25℃
Ta=-40℃
V
IN=4.3V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6233(VOUT=1.2V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6233(VOUT=1.8V)
0.0
0.5
1.0
1.5
2.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6233(VOUT=1.2V)
1.05
1.10
1.15
1.20
1.25
1.30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6233(VOUT=1.8V)
1.65
1.70
1.75
1.80
1.85
1.90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage : VIN (V)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
Ta=25℃
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com