Electronic Components Datasheet Search
  English  ▼

X  

XC6233 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6233
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6233 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6233 Datasheet HTML 1Page - Torex Semiconductor XC6233 Datasheet HTML 2Page - Torex Semiconductor XC6233 Datasheet HTML 3Page - Torex Semiconductor XC6233 Datasheet HTML 4Page - Torex Semiconductor XC6233 Datasheet HTML 5Page - Torex Semiconductor XC6233 Datasheet HTML 6Page - Torex Semiconductor XC6233 Datasheet HTML 7Page - Torex Semiconductor XC6233 Datasheet HTML 8Page - Torex Semiconductor XC6233 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC6233
シリーズ
■製品分類
●品番ルール
XC6233①②③④⑤⑥-⑦
●
Function Guide
TYPE
CURRENT LIMITTER
CE PULL-DOWN RESISTOR
CL AUTO-DISCHARGE
INRUSH CURRENT
PREVENTION
H
Yes
Yes
Yes
Yes
■標準電圧
●標準電圧品番例
その他
1.2V~3.6V 範囲で設定可能です。 他設定電圧をご要望の際には弊社営業までお問い合わせ下さい。
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type of Regulator
CE Active High
H
Refer to Function Guide
②③
Output Voltage
12~36
ex.) 2.80V → ②=2, ③=8 ④=please see down below
1
0.10V increments,
±1% (VOUT≧2.00V), ±0.02V (VOUT<2.00V)
e.g. 2.80V → ④=1
④
Output Voltage
Accuracy
B
0.05V increments,
±1% (VOUT≧2.05V), ±0.02V (VOUT<2.05V)
e.g. 2.85V → ④=B
GR-G
USP-4 (3000/Reel)
NR-G
SSOT-24 (3000/Reel)
⑤⑥
-⑦
(*1)
Packages
(Order Unit)
MR-G
SOT-25 (3000/Reel)
PACKAGES
VOUT
(V)
USP-4
SSOT-24
SOT-25
1.20
XC6233H121GR-G
XC6233H121NR-G
XC6233H121MR-G
1.50
XC6233H151GR-G
XC6233H151NR-G
XC6233H151MR-G
1.80
XC6233H181GR-G
XC6233H181NR-G
XC6233H181MR-G
2.80
XC6233H281GR-G
XC6233H281NR-G
XC6233H281MR-G
3.30
XC6233H331GR-G
XC6233H331NR-G
XC6233H331MR-G
(*1) “-G”は、ハロゲン&アンチモンフリーかつ RoHS 対応製品です。
他レギュレータタイプをご要望の際には弊社営業担当者までお問い合わせ下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com