Electronic Components Datasheet Search
  English  ▼

X  

XC6233 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6233
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6233 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6233 Datasheet HTML 15Page - Torex Semiconductor XC6233 Datasheet HTML 16Page - Torex Semiconductor XC6233 Datasheet HTML 17Page - Torex Semiconductor XC6233 Datasheet HTML 18Page - Torex Semiconductor XC6233 Datasheet HTML 19Page - Torex Semiconductor XC6233 Datasheet HTML 20Page - Torex Semiconductor XC6233 Datasheet HTML 21Page - Torex Semiconductor XC6233 Datasheet HTML 22Page - Torex Semiconductor XC6233 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
XC6233
シリーズ
■特性例
(10) Load Transient Response
(11) CE Rising Response Time
XC6233(VOUT=2.5V)
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Time (200μs/div)
0
100
200
300
400
500
100mA
Output Current
Output Voltage
I
OUT=50mA⇔100mA, tr=tf=0.5μs, Ta=25℃
V
IN=3.5V, CIN=CL=1.0μF(ceramic)
50mA
XC6233(VOUT=3.3V)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Time (200μs/div)
0
100
200
300
400
500
100mA
Output Current
Output Voltage
I
OUT=50mA⇔100mA, tr=tf=0.5μs, Ta=25℃
V
IN=4.6V, CIN=CL=1.0μF(ceramic)
50mA
XC6233(VOUT=1.2V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
IOUT=200mA
CE Input Voltage
V
CE=0V→2.2V, tr=5μs, Ta=25℃
V
IN=2.2V, CIN=CL=1.0μF(ceramic)
Output Voltage
XC6233(VOUT=1.8V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
IOUT=200mA
CE Input Voltage
V
CE=0V→2.8V, tr=5μs, Ta=25℃
V
IN=2.8V, CIN=CL=1.0μF(ceramic)
Output Voltage
XC6233(VOUT=2.5V)
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
Time (200μs/div)
-100
0
100
200
300
400
500
600
700
800
900
200mA
Output Current
Output Voltage
I
OUT=0.1mA⇔200mA, tr=tf=0.5μs, Ta=25℃
V
IN=3.5V, CIN=CL=1.0μF(ceramic)
0.1mA
XC6233(VOUT=3.3V)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
Time (200μs/div)
-100
0
100
200
300
400
500
600
700
800
900
200mA
Output Current
Output Voltage
I
OUT=0.1mA⇔200mA, tr=tf=0.5μs, Ta=25℃
V
IN=4.6V, CIN=CL=1.0μF(ceramic)
0.1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com