Electronic Components Datasheet Search
  English  ▼

X  

ASG330 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ASG330
Description  DC-2500 MHz SiGe HBT Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASG330 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ASG330 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
November 2007
1) OIP3 is measured with two tones at an output power of +10dBm/tone separated by 1MHz.
ASG330
Application Circuit: 1920~1980 MHz (WCDMA Rx)
Typical Performance
Board Layout (FR4, 40x40 mm
2, 0.8T)
Frequency
1950 MHz
Magnitude S21
11 dB
Magnitude S11
-15 dB
Magnitude S22
-15 dB
Output P1dB
20 dBm
Output IP3
1)
43 dBm
Noise Figure
3.8 dB
Supply Voltage
5 V
Current
75 mA
Schematic
S-parameters
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency [MHz]
1600
1700
1800
1900
2000
2100
2200
2300
-30
-20
-10
0
10
20
S12
S22
S11
S21
Frequency [MHz]
K-Factor
50 ohm
C2=1.2 pF
R1=7.5 k
Ω
L1=15 nH
C3=8 pF
Vcc=5 V
RF IN
RF OUT
5 mm
ASG330
L3=39 nH
C6=
100 pF
C5=0.1
µF
L2=330 nH
C1=0.75 pF
C7=
1
µF
C4=1.2 pF
50 ohm
5 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com