Electronic Components Datasheet Search
  English  ▼

X  

ASG330 Datasheet(PDF) 7 Page - Advanced Semiconductor Business Inc.

Part # ASG330
Description  DC-2500 MHz SiGe HBT Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASG330 Datasheet(HTML) 7 Page - Advanced Semiconductor Business Inc.

  ASG330 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
November 2007
ASG330
P1dB Vs. Frequency
OIP3 Vs. Frequency (Pout per tone=10dBm)
NF Vs. Frequency
2140MHz ACLR Vs. Channel Output Power
2100
2120
2140
2160
2180
18
19
20
21
22
23
Frequency (MHz)
2100
2120
2140
2160
2180
41
42
43
44
45
46
Frequency (MHz)
2100
2120
2140
2160
2180
3.0
3.5
4.0
4.5
5.0
Frequency (MHz)
4
6
8
1012
1416
-70
-65
-60
-55
-50
-45
-40
Channel Output Power (dBm)
6
8
10
12
14
16
39
40
41
42
43
44
45
46
Output Power per One Tone (dBm)
OIP3 Vs. Output Tone Power



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com