Electronic Components Datasheet Search
  English  ▼

X  

ASG330 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASG330
Description  DC-2500 MHz SiGe HBT Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASG330 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASG330 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASG330 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
November 2007
Parameters
Units
Min.
Typ.
Max.
Frequency Range
MHz
250 - 2500
Gain
1)
dB
11
Input VSWR
1)
-
1.4
Output VSWR
1)
-
1.4
Output IP3
2)
dBm
41
43
Noise Figure
1)
dB
3.8
Output P1dB
dBm
18
20
Supply Current
mA
75
Supply Voltage
V
5
1) Measurement conditions are as follows: T = 25
°C, VCC = 5 V, Freq. = 1950 MHz, 50 ohm system.
2) OIP3 is measured with two tones at an output power of +10dBm/tone separated by 1MHz.
Parameters
Rating
Remarks
Operating Case Temperature
-40 to
+ 85°C
Storage Temperature
-40 to
+ 150°C
Supply Voltage
8 V
Operating Junction Temperature
150
°C
Input RF Power (continuous)
1)
13 dBm
Features
Description
·
SiGe Technology
·
11 dB Gain at 1950 MHz
·
+20 dBm P1dB
·
+43 dBm Output IP3
·
3.8 dB Noise Figure
·
MTTF > 100 Years
·
Operate at Single +5 V Supply
·
SOT-89 Surface Mount Package
Package Style: SOT-89
Specifications 1)
·
CDMA,GSM,W-CDMA,PCS
WiBro, WLan
·
PA Driver Amplifier
·
Gain Block
·
CATV Amplifier
·
IF Amplifier
Applications
Absolute Maximum Ratings
ASG330
DC-2500 MHz SiGe HBT Amplifier
Website: www.asb.co.kr
E-mail: sales@asb.co.kr
Tel: (82) 42-528-7220
Fax: (82) 42-528-7222
ASB, Inc., 4F FI. VentureTown Bldg.,
367-17 Goijeong-Dong, Seo-Gu,
Daejon 302-120, Korea
More Information
The ASG330 is designed for high linearity, high
gain, and low noise over a wide range of
frequency, being suitable for use in both receiver
and
transmitter
of
wireless
and
wireline
telecommunication systems. The product is
manufactured using a state-of-the-art SiGe HBT
process of the company's own, making it cost-
effective and highly reliable. The amplifiers are
available in a low cost SOT-89 package
completing stringent DC and RF tests.


Similar Part No. - ASG330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
DC-2500 MHz SiGe HBT Amplifier
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
logo
Pentair plc. All rights...
ASG30X24X6 PENTAIR-ASG30X24X6 Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASG30X24X6NK PENTAIR-ASG30X24X6NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
ASG30X24X8NK PENTAIR-ASG30X24X8NK Datasheet
946Kb / 8P
Type 1 Boxes and Enclosures
More results

Similar Description - ASG330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG304 ETC-ASG304 Datasheet
686Kb / 8P
DC-2000 MHz SiGe HBT Amplifier
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
ASG303 ETC-ASG303 Datasheet
187Kb / 6P
DC-2500 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
DC-3000 MHz SiGe HBT Amplifier
logo
SIRENZA MICRODEVICES
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com