Electronic Components Datasheet Search
  English  ▼

X  

XC6421 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 11Page - Torex Semiconductor XC6421 Datasheet HTML 12Page - Torex Semiconductor XC6421 Datasheet HTML 13Page - Torex Semiconductor XC6421 Datasheet HTML 14Page - Torex Semiconductor XC6421 Datasheet HTML 15Page - Torex Semiconductor XC6421 Datasheet HTML 16Page - Torex Semiconductor XC6421 Datasheet HTML 17Page - Torex Semiconductor XC6421 Datasheet HTML 18Page - Torex Semiconductor XC6421 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
XC6421
シリーズ
(5) OutputVoltage vs. AmbientTemperature
(6) SupplyCurrent vs. AmbientTemperature
(7) EN Threshold Voltage vs. AmbientTemperature
XC6421(VOUT=1.2V)
1.10
1.15
1.20
1.25
1.30
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
V
IN=2.2V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=1.8V)
1.70
1.75
1.80
1.85
1.90
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
V
IN=2.8V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=3.6V)
3.50
3.55
3.60
3.65
3.70
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
V
IN=4.6V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
2.40
2.45
2.50
2.55
2.60
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
V
IN=3.5V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421
50
60
70
80
90
100
110
120
130
140
150
160
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.6V
V
IN=VOUT+1.0V, CIN=1.0μF(ceramic), CL=1.0μF(ceramic)
XC6421
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100
AmbientTemperature : Ta (℃)
EN"H"LEVEL
EN"L"LEVEL
C
IN=1.0μF(ceramic), CL=1.0μF(ceramic)
■特性例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com