Electronic Components Datasheet Search
  English  ▼

X  

XC6421 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6421
Description  囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 弱뤷엹300mA Dual 遙섌?LDO ?с궙?γ꺃?쇈궭
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6421 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6421 Datasheet HTML 14Page - Torex Semiconductor XC6421 Datasheet HTML 15Page - Torex Semiconductor XC6421 Datasheet HTML 16Page - Torex Semiconductor XC6421 Datasheet HTML 17Page - Torex Semiconductor XC6421 Datasheet HTML 18Page - Torex Semiconductor XC6421 Datasheet HTML 19Page - Torex Semiconductor XC6421 Datasheet HTML 20Page - Torex Semiconductor XC6421 Datasheet HTML 21Page - Torex Semiconductor XC6421 Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18/25
XC6421 シリーズ
(10) Load Transient Response
(11) EN Rising Respose Time
XC6421(VOUT=2.5V)
2.35
2.40
2.45
2.50
2.55
2.60
Time (20μs/div)
0
100
200
300
400
500
100mA
1mA
Output Current
Output Voltage
I
OUT=1mA⇔100mA, tr=tf=0.5μS, Ta=25℃
V
IN=3.5V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=3.6V)
3.45
3.50
3.55
3.60
3.65
3.70
Time (20μs/div)
0
100
200
300
400
500
100mA
1mA
Output Current
Output Voltage
I
OUT=1mA⇔100mA, tr=tf=0.5μS, Ta=25℃
V
IN=4.6V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=2.5V)
2.2
2.3
2.4
2.5
2.6
2.7
Time (100μs/div)
0
300
600
900
1200
1500
300mA
0.1mA
Output Current
Output Voltage
I
OUT=0.1mA⇔300mA, tr=tf=0.5μS, Ta=25℃
V
IN=3.5V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=3.6V)
3.3
3.4
3.5
3.6
3.7
3.8
Time (100μs/div)
0
300
600
900
1200
1500
300mA
0.1mA
Output Current
Output Voltage
I
OUT=0.1mA⇔300mA, tr=tf=0.5μS, Ta=25℃
V
IN=4.6V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=1.2V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
EN Input Voltage
Output Voltage
V
EN=0V→2.2V, tr=5μS, Ta=25℃
V
IN=2.2V, CIN=CL=1.0μF(ceramic)
XC6421(VOUT=1.8V)
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time (40μs/div)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
IOUT=100mA
EN Input Voltage
Output Voltage
V
EN=0V→2.8V, tr=5μS, Ta=25℃
V
IN=2.8V, CIN=CL=1.0μF(ceramic)
■特性例



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com