Electronic Components Datasheet Search
  English  ▼

X  

CXD3017Q Datasheet(PDF) 53 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 53 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 49Page - Sony Corporation CXD3017Q Datasheet HTML 50Page - Sony Corporation CXD3017Q Datasheet HTML 51Page - Sony Corporation CXD3017Q Datasheet HTML 52Page - Sony Corporation CXD3017Q Datasheet HTML 53Page - Sony Corporation CXD3017Q Datasheet HTML 54Page - Sony Corporation CXD3017Q Datasheet HTML 55Page - Sony Corporation CXD3017Q Datasheet HTML 56Page - Sony Corporation CXD3017Q Datasheet HTML 57Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 117 page
background image
– 53 –
CXD3017Q
§3-5. Digital Out
There are three Digital Out: the type 1 format for broadcasting stations, the type 2 form 1 format for home use,
and the type 2 form 2 format for the manufacture of software.
The CXD3017Q supports type 2 form 1.
Sub Q data which are matched twice in succession after a CRC check are input to the first four bits (bits 0 to 3)
of the channel status.
When Mute = 1 in $AX commands, the channel status is pre-value hold.
Table 3-5
§3-6. Servo Auto Sequence
This function performs a series of controls, including auto focus and track jumps. When the auto sequence
command is received from the CPU, auto focus, 1-track jump, 2N-track jump and N-track move are executed
automatically.
The commands which enable transfer to the CXD3017Q during the execution of auto sequence are $4X to
$EX.
When CLOK goes from low to high while XBUSY is low, XBUSY does not become high for a maximum of
100µs after that point.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
ID0
ID1 COPY Emph
0
0
0
0
1
0
0
0
0
0
0
0
From sub Q
0
16
32
48
176
Bits 0 to 3 Sub Q control bits that matched twice with CRCOK
Digital Out C bit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com