Electronic Components Datasheet Search
  English  ▼

X  

CXD3017Q Datasheet(PDF) 7 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 3Page - Sony Corporation CXD3017Q Datasheet HTML 4Page - Sony Corporation CXD3017Q Datasheet HTML 5Page - Sony Corporation CXD3017Q Datasheet HTML 6Page - Sony Corporation CXD3017Q Datasheet HTML 7Page - Sony Corporation CXD3017Q Datasheet HTML 8Page - Sony Corporation CXD3017Q Datasheet HTML 9Page - Sony Corporation CXD3017Q Datasheet HTML 10Page - Sony Corporation CXD3017Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 117 page
background image
– 7 –
CXD3017Q
Electrical Characteristics
1. DC Characteristics
(VDD = AVDD = 3.3 ± 0.3V, Vss = AVss = 0V, Topr = –20 to +75°C)
Item
High level
Low level
High level
Low level
High level
Low level
High level
Low level
High level
Low level
Input voltage (1)
Input voltage (2)
Input voltage (3)
Input voltage (4)
Output voltage (1)
Output voltage (2)
Input leak current (1)
Input leak current (2)
Input leak current (3)
Input leak current (4)
Tri-state pin output leak current
VIH1
VIL1
VIH2
VIL2
VIH3
VIL3
VIN4
VOH1
VOL1
VOH2
VOL2
ILI1
ILI2
ILI3
ILI4
ILO
0.7VDD
0.8VDD
0.8VDD
VSS
VDD – 0.4
0
VDD – 0.5
0
–10
–10
–40
–40
–40
0.2VDD
0.2VDD
0.2VDD
VDD
VDD
0.4
VDD
0.4
10
10
40
40
40
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
Conditions
Min.
Typ.
Max.
Unit
Applicable
pins
VI
≤ 5.5V
VI
≤ 5.5V
Schmitt input
Analog input
IOH = –4mA
IOL = 4mA
IOH = –0.28mA
IOH = 0.36mA
VI = Vss or
VDD
VI = 0 to 5.5V
VI = Vss or
VDD
VI = 0.25VDD
to 0.75VDD
VI = Vss or
VDD
∗1, ∗9
∗2
∗3
∗4, ∗5
∗6, ∗8,
∗9
∗7
∗1, ∗4
∗2, ∗3
∗9
∗5
∗8
1-1. Applicable pins and classification
∗1 CMOS level input pins (1):
TEST, TES1
∗2 CMOS level input pins (2):
SYSM, DATA, XLAT, SSTP, XTSL
∗3 CMOS Schmitt input pins:
SQCK, XRST, CLOK, SCLK, SPOA, SPOB
∗4 Analog input pins (1):
ASYI, CLTV, FILI
∗5 Analog input pins (2):
VC, FE, SE, TE, CE, RFDC
∗6 Normal output pins (1):
SQSO, XLON, WFCK, XUGF, XPCK, GFS, C2PO, SCOR, SFDR, SRDR, TFDR, TRDR, FRDR, ASYO,
DOUT, LRCK, PCMD, BCK, EMPH, RMUT, LMUT
∗7 Normal output pin (2):
FILO
∗8 Tri-state output pins:
SENS, MDP, FFDR, PCO
∗9 Normal input/output pins:
ATSK, COUT, MIRR, DFCT, FOK, LOCK
Note) When the external pull-down resistors are connected to the pins ∗2 and ∗3, the resistance applied to
these pins should be 5k
Ω or less in total.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com