Electronic Components Datasheet Search
  English  ▼

X  

CXD3017Q Datasheet(PDF) 9 Page - Sony Corporation

Part # CXD3017Q
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3017Q Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXD3017Q Datasheet HTML 5Page - Sony Corporation CXD3017Q Datasheet HTML 6Page - Sony Corporation CXD3017Q Datasheet HTML 7Page - Sony Corporation CXD3017Q Datasheet HTML 8Page - Sony Corporation CXD3017Q Datasheet HTML 9Page - Sony Corporation CXD3017Q Datasheet HTML 10Page - Sony Corporation CXD3017Q Datasheet HTML 11Page - Sony Corporation CXD3017Q Datasheet HTML 12Page - Sony Corporation CXD3017Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 117 page
background image
– 9 –
CXD3017Q
(2) CLOK, DATA, XLAT and SQCK pin
(VDD = AVDD = 3.3 ± 0.3V, VSS = AVSS = 0V, Topr = –20 to +75°C)
Clock frequency
Clock pulse width
Setup time
Hold time
Delay time
Latch pulse width
SQCK frequency
SQCK pulse width
fCK
tWCK
tSU
tH
tD
tWL
fT
tWT
750
300
300
300
750
750 Note)
0.65
0.65 Note)
MHz
ns
ns
ns
ns
ns
MHz
ns
Item
Symbol
Min.
Typ.
Max.
Unit
tWCK
tWCK
1/fCK
tH
tSU
tWL
tD
1/fT
tWT
tWT
tH
tSU
CLOK
DATA
XLAT
SQCK
SQSO
Note) In quasi double-speed playback mode, except when SQSO is Sub Q Read, the SQCK maximum
operating frequency is 300kHz and its minimum pulse width is 1.5µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com