Electronic Components Datasheet Search
  English  ▼

X  

AST163 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AST163
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST163 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AST163 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
July 2010
AST163
High Gain, Low Noise Amplifier
S11
S22
freq (1.400GHz to 1.800GHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Frequency (MHz)
P1dB vs. Temperature
Current vs. Temperature
Output IP3 vs. Tone Power (Frequency = 1575 MHz)
Gain vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Temperature (
oC)
-60
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
Temperature (
oC)
Frequency = 1575 MHz
-60
-40
-20
0
20
40
60
80
100
4
6
8
10
12
14
Temperature (
oC)
Frequency = 1575 MHz
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
0
5
10
15
20
25
30
35
P
out per Tone (dBm)
-40
oc
25
oc
85
oc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com