Electronic Components Datasheet Search
  English  ▼

X  

AST163 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # AST163
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST163 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  AST163 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
July 2010
AST163
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5dBm/tone separated by 1MHz.
*100% in-house DC & RF testing is done on packaged products before taping
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Parameters
Units
Typical
Testing Frequency
MHz
1575
1575
1575
1575
Gain
dB
13.5
14
15.5
14.2
S11
dB
-10
-12
-10
-10
S22
dB
-10
-14
-11
-10
Output IP3
1)
dBm
16
18
24
21.2
Noise Figure
dB
1.1
0.95
0.9
1.3
Output P1dB
dBm
10
10
10
10
Current
mA
3.7
6.0
9.5
9.5
Device Voltage
V
3
3
2.8
2.8
Parameters
Units
Min
Typ
Max
Frequency
MHz
1575
Gain
dB
13
13.5
S11
dB
-10
S22
dB
-10
Output IP3
dBm
15
16
Noise Figure
dB
1.1
1.3
Output P1dB
dBm
9
10
Current
mA
3.7
Device Voltage
V
3
Parameters
Rating
Operating Case Temperature
-40 to
+85°C
Storage Temperature
-40 to
+150°C
Device Voltage
+5 V
Operating Junction Temperature
+150
°C
Input RF Power (CW, 50ohm matched)*
22 dBm
Features
Description
·
13.5 dB Gain at 1575 MHz
·
1.1 dB NF at 1575 MHz
·
One-stage LNA
AST163 is a one-stage LNA for GPS, DMB, and
satellite receiver low noise blocks. It has a low noise,
high gain, and high linearity over a wide range of
frequency up to 6 GHz. It is also suitable for use in
the low noise amplifier block of the mobile wireless
systems of T-DMB, CDMA, GSM, PCS, WCDMA,
WiBro, WiMAX, and WLAN so on. The amplifier is
available in an SOT-363 package and passes the
stringent DC, RF, and reliability tests.
Product Specifications*
Typical Performance
Absolute Maximum Ratings
Pin No.
Function
1
RF IN
2
GND
3
GND
4
RF OUT / Bias
5
GND
6
GND
Pin Configuration
Package Style: SOT-363
Application Circuit
·
GPS
·
GPS (2.8 V)
·
GPS (2.8 V /
Without strip lines)
·
1710 ~ 1880 MHz
·
1950 MHz


Similar Part No. - AST163

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AST163 ASB-AST163 Datasheet
679Kb / 9P
High Gain, Low Noise Amplifier
February 2017
AST163 ASB-AST163_17 Datasheet
679Kb / 9P
High Gain, Low Noise Amplifier
February 2017
More results

Similar Description - AST163

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com