Electronic Components Datasheet Search
  English  ▼

X  

AST163 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # AST163
Description  High Gain, Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AST163 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  AST163 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AST163 Datasheet HTML 8Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/8
ASB Inc.
· sales@asb.co.kr · Tel: +82-42-528-7223
July 2010
AST163
High Gain, Low Noise Amplifier
1) OIP3 is measured with two tones at an output power of -5 dBm/tone
separated by 1MHz.
Top
Schematic
S-parameters & Noise Figure
Board Layout (FR4, 15.3x12 mm
2, 0.8T)
Frequency (MHz)
1575
Magnitude S21 (dB)
14.2
Magnitude S11 (dB)
-10
Magnitude S22 (dB)
-10
Output P1dB (dBm)
10
Output IP3
1) (dBm)
21.2
Input IP3 (dBm)
7
Noise Figure (dB)
1.3
Supply Voltage (V)
2.8
Current (mA)
9.5
APPLICATION CIRCUIT
Without strip lines
GPS
1575 MHz
+2.8 V
C1=100 pF
C4=2 pF
RF OUT
AST163
C2=10 nF
RF IN
L2=6.8 nH
R3=680
W
R1=910
W
C3=1 uF
VDD
R2=6.2 k
W
L1=6.2 nH
C5=1 nF
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
5
10
15
20
25
Frequency (MHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-20
-15
-10
-5
0
Frequency (MHz)
1400
1450
1500
1550
1600
1650
1700
1750
1800
-20
-15
-10
-5
0
Frequency (MHz)
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
Bottom



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com