Electronic Components Datasheet Search
  English  ▼

X  

AC3200J Datasheet(PDF) 12 Page - ebm-papst

Part # AC3200J
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200J Datasheet(HTML) 12 Page - ebm-papst

Back Button AC3200J Datasheet HTML 7Page - ebm-papst AC3200J Datasheet HTML 8Page - ebm-papst AC3200J Datasheet HTML 9Page - ebm-papst AC3200J Datasheet HTML 10Page - ebm-papst AC3200J Datasheet HTML 11Page - ebm-papst AC3200J Datasheet HTML 12Page - ebm-papst AC3200J Datasheet HTML 13Page - ebm-papst AC3200J Datasheet HTML 14Page - ebm-papst AC3200J Datasheet HTML 15Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
136
Nominal data
Type
m3/h
CFM
V
Hz
VAC
dB(A)
Bel(A)
/
Watts
RPM
°C
Hours
Hours
AC 6100 NM
350
206,0
115 / 230
50 / 60
85 ... 265
52
6,1
/
14
2 850
-20...+70
80 000 / 37 500
1
Speed variants available on request.
Highlights:
– Universally suitable for all AC voltages between 85 and 265 V.
– Fan speed independent of power frequency.
– Significantly reduced power consumption compared to conventional AC fans.
– Open loop speed control, sensor and alarm signal possible on request.
General attributes:
– Material: fibreglass-reinforced PA housing and impeller.
– Fully integrated electronic commutation.
– Protected against locking.
– Connection via single strands AWG 22, TR 64. Bared and tin-plated.
– Air exhaust over struts. Direction of rotation clockwise, seen on rotor.
– Mass: 760 g.
ACmaxx axial fans
Series AC 6100 N
172 ø x 51 mm
HHPP
A
SSPP
IP54
IP54
Û
PWM
II
TT
NG
max.
350 m3/h
100
25
50
75
200
100
125
150
300
0
4 0
8 0
120
160
200
m³/h
CFM
1
50.8 +0.2
(32.5)
Förderrichtung
3+0.2
83.3+0.6
27.5
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com