Electronic Components Datasheet Search
  English  ▼

X  

AC3200J Datasheet(PDF) 15 Page - ebm-papst

Part # AC3200J
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200J Datasheet(HTML) 15 Page - ebm-papst

Back Button AC3200J Datasheet HTML 7Page - ebm-papst AC3200J Datasheet HTML 8Page - ebm-papst AC3200J Datasheet HTML 9Page - ebm-papst AC3200J Datasheet HTML 10Page - ebm-papst AC3200J Datasheet HTML 11Page - ebm-papst AC3200J Datasheet HTML 12Page - ebm-papst AC3200J Datasheet HTML 13Page - ebm-papst AC3200J Datasheet HTML 14Page - ebm-papst AC3200J Datasheet HTML 15Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
139
N
L
N
L
N
L
N
L
Highest energy efficiency:
0.03 - 0.045 W/m3/h free air (Specific fan power).
Boost speed setting:
2 speed settings possible via boost function.
Vibration isolation:
Reduced transmission of vibrations from motor to housing.
Intelligence:
Speed settings and control outputs optional.
Connection
Scope of delivery
Example 1:
Continuous operation at
nominal speed boost
speed via light switch.
Example 2:
Nominal speed via light
switch, separate boost
switch.
Example 3:
Simple connection,
nominal speed
without switching.
Example 4:
Simple connection, boost
speed without switching.
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com