Electronic Components Datasheet Search
  English  ▼

X  

AC3200J Datasheet(PDF) 14 Page - ebm-papst

Part # AC3200J
Description  ACmaxx / i-maxx
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

AC3200J Datasheet(HTML) 14 Page - ebm-papst

Back Button AC3200J Datasheet HTML 7Page - ebm-papst AC3200J Datasheet HTML 8Page - ebm-papst AC3200J Datasheet HTML 9Page - ebm-papst AC3200J Datasheet HTML 10Page - ebm-papst AC3200J Datasheet HTML 11Page - ebm-papst AC3200J Datasheet HTML 12Page - ebm-papst AC3200J Datasheet HTML 13Page - ebm-papst AC3200J Datasheet HTML 14Page - ebm-papst AC3200J Datasheet HTML 15Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
138
Highlights:
– Highest energy efficiency thanks to EC technology.
– Protection class IP44 (IP45 possible depending on mounting position).
– Speed-boost function via mains voltage switch.
– Vibration-isolated motor.
– Global voltage - one product applicable for all line voltages and frequencies
between 85-265 VAC and 50/60 Hz. Fan speed independent from power frequency.
General features:
– Material: fibreglass-reinforced plastic, housing PP, impeller PA.
– Electrical connection via 3-pole terminal block, max. 1.5 mm2.
– Protection class 2.
– Approvals: VDE 60335-3-80. UL, CE, CSA on request.
– Mass: 400 g.
ACmaxx in-line duct fan
Series AC 100 NR
Ø 98,5 x 130 mm
20
40
60
80
0
20
40
60
80
100
120
10
20
30
40
50
60
70
1
2
3
m³/h
CFM
Nominal data
HHPP IP44
IP44
Û
max.
135 m3/h
Optional: Max. speed at 135 m3/h (Curve 3).
AC 100 NR
80
47,1
115/230
50-60
85...265
35
4,7
2,5
2 750
-10...+55
70 000 / 40 000
1
105
61,8
42
5,3
4,5
3 500
2
nominal
boost
Type
m3/h
CFM
V
Hz
VAC
dB(A)
Bel(A)
/
Watts
RPM
°C
Hours
Hours
NEW
Kompaktlüfter__2011__EN__Final__17_01_2011_:Vorlage
18.01.2011
14:19
Seite 138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com