Electronic Components Datasheet Search
  English  ▼

X  

2N3700HR Datasheet(PDF) 10 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics 2N3700HR Datasheet HTML 10Page - STMicroelectronics 2N3700HR Datasheet HTML 11Page - STMicroelectronics 2N3700HR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Order codes
2N3700HR
10/12
Doc ID 15354 Rev 4
4
Order codes
Contact ST sales office for information about the specific conditions for:
–
Products in die form
–
Tape and reel packing
Table 9.
Order codes
Order codes
ESCC Part
number
Rad level
Packages
Lead Finish
Marking
EPPL
Packing
2N37000UB1
-
LCC-3UB
Gold
2N37000UB1
-
Waffle pack
2N37000UBSW
5201/004/07
100 krad
LCC-3UB
Solder Dip
520100407
Y
Waffle pack
2N37000UB06
5201/004/06
LCC-3UB
Gold
520100406
-
Waffle pack
2N37000UB07
5201/004/07
LCC-3UB
Solder Dip
520100407
-
Waffle pack
SOC37000
-
LCC-3
Gold
SOC3700
-
Waffle pack
SOC3700SW
5201/004/05
100 krad
LCC-3
Solder Dip
520100405
Y
Waffle pack
SOC3700HRB
5201/004/04 or
05
LCC-3
Gold or
Solder Dip (1)
1.
Depending ESCC part number mentioned on the purchase order
520100404 or
05
Y
Waffle pack
2N3700T1
-
TO-18
Gold
2N3700T1
-
Strip pack
2N3700HR
5201/004/01 or
02
TO-18
Gold or
Solder Dip (1)
520100401 or
02
-
Strip pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com