Electronic Components Datasheet Search
  English  ▼

X  

2N3700HR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 2 Page - STMicroelectronics

  2N3700HR Datasheet HTML 1Page - STMicroelectronics 2N3700HR Datasheet HTML 2Page - STMicroelectronics 2N3700HR Datasheet HTML 3Page - STMicroelectronics 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Electrical ratings
2N3700HR
2/12
Doc ID 15354 Rev 4
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
140
V
VCEO
Collector-emitter voltage (IB = 0)
80
V
VEBO
Emitter-base voltage (IC = 0)
7
V
IC
Collector current
1
A
Ptot
Total dissipation at Tamb ≤ 25 °C
for 2N3700HR
for SOC3700HRB
for SOC3700HRB (1)
Total dissipation at Tc ≤ 25 °C
for 2N3700HR
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
0.5
0.5
0.76
1.8
W
W
W
W
Tstg
Storage temperature
-65 to 200
°C
TJ
Max. operating junction temperature
200
°C
Table 3.
Thermal data for through-hole package
Symbol
Parameter
TO-18
Unit
RthJC
RthJA
Thermal resistance junction-case
__
max
Thermal resistance junction-ambient
__
max
97
350
°C/W
°C/W
Table 4.
Thermal data for SMD package
Symbol
Parameter
SOC
Unit
RthJA
RthJA
Thermal resistance junction-ambient
max
Thermal resistance junction-ambient (1)
max
1.
When mounted on a 15 x 15 x 0.6 mm ceramic substrate.
350
230
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com