Electronic Components Datasheet Search
  English  ▼

X  

2N3700HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N3700HR
Description  Hi-Rel 80 V - 1 A NPN bipolar transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N3700HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N3700HR Datasheet HTML 1Page - STMicroelectronics 2N3700HR Datasheet HTML 2Page - STMicroelectronics 2N3700HR Datasheet HTML 3Page - STMicroelectronics 2N3700HR Datasheet HTML 4Page - STMicroelectronics 2N3700HR Datasheet HTML 5Page - STMicroelectronics 2N3700HR Datasheet HTML 6Page - STMicroelectronics 2N3700HR Datasheet HTML 7Page - STMicroelectronics 2N3700HR Datasheet HTML 8Page - STMicroelectronics 2N3700HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2N3700HR
Electrical characteristics
Doc ID 15354 Rev 4
3/12
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off
current (IE = 0)
VCB = 90 V
VCB = 90 V
Tamb = 110 °C
VCB = 90 V
Tamb = 150 °C
10
100
10
nA
nA
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
10
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
140
V
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 2 %
Collector-emitter
breakdown voltage
(IB = 0)
IC = 30 mA
80
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 100 µA
7
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC = 500 mA
IB = 50 mA
0.2
0.5
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 150 mA
IB = 15 mA
IC = 150 mA
IB = 15 mA
Tamb = 110 °C
0.75
0.65
0.87
0.77
1
0.9
V
V
hFE
(1)
DC current gain
IC = 10 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
IC = 500 mA
VCE = 10 V
IC = 150 mA
VCE = 10 V
Tamb = - 55 °C
90
100
50
40
300
hfe
Small signal current
gain
VCE = 10 V
IC = 50 mA
f = 20 MHz
5
CCBO
Output capacitance
(IE = 0)
VCB = 10 V
f = 1 MHz
12
pF
CIBO
Input capacitance
(IC = 0)
VEB = 0.5 V
f = 1 MHz
60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com