Electronic Components Datasheet Search
  English  ▼

X  

2N5551HR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5551HR
Description  Hi-Rel NPN bipolar transistor 160 V - 0.5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5551HR Datasheet(HTML) 2 Page - STMicroelectronics

  2N5551HR Datasheet HTML 1Page - STMicroelectronics 2N5551HR Datasheet HTML 2Page - STMicroelectronics 2N5551HR Datasheet HTML 3Page - STMicroelectronics 2N5551HR Datasheet HTML 4Page - STMicroelectronics 2N5551HR Datasheet HTML 5Page - STMicroelectronics 2N5551HR Datasheet HTML 6Page - STMicroelectronics 2N5551HR Datasheet HTML 7Page - STMicroelectronics 2N5551HR Datasheet HTML 8Page - STMicroelectronics 2N5551HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical ratings
2N5551HR
2/10
Doc ID 16935 Rev 3
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCBO
Collector-base voltage (IE = 0)
180
V
VCEO
Collector-emitter voltage (IB = 0)
160
V
VEBO
Emitter-base voltage (IC = 0)
6
V
IC
Collector current
for 2N5551HR
for SOC5551HRB
0.6
0.5
A
A
PTOT
Total dissipation at Tamb ≤ 25 °C
for 2N5551HR
for SOC5551HRB
for SOC5551HRB (1)
Total dissipation at Tc ≤ 25 °C
for 2N5551HR
1.
When mounted on a 8 x 10 x 0.6 mm ceramic substrate.
0.36
0.36
0.58
1.2
W
W
W
W
TSTG
Storage temperature
-65 to 200
°C
TJ
Max. operating junction temperature
200
°C
Table 3.
Thermal data for through-hole package
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
__
max
146
°C/W
RthJA
Thermal resistance junction-ambient
__
max
486
°C/W
Table 4.
Thermal data for SMD package
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
__
max
486
°C/W
Thermal resistance junction-ambient (1) __
max
1.
When mounted on a 8 x 10 x 0.6 mm ceramic substrate.
302
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com