Electronic Components Datasheet Search
  English  ▼

X  

2N5551HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 2N5551HR
Description  Hi-Rel NPN bipolar transistor 160 V - 0.5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5551HR Datasheet(HTML) 5 Page - STMicroelectronics

  2N5551HR Datasheet HTML 1Page - STMicroelectronics 2N5551HR Datasheet HTML 2Page - STMicroelectronics 2N5551HR Datasheet HTML 3Page - STMicroelectronics 2N5551HR Datasheet HTML 4Page - STMicroelectronics 2N5551HR Datasheet HTML 5Page - STMicroelectronics 2N5551HR Datasheet HTML 6Page - STMicroelectronics 2N5551HR Datasheet HTML 7Page - STMicroelectronics 2N5551HR Datasheet HTML 8Page - STMicroelectronics 2N5551HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2N5551HR
Package mechanical data
Doc ID 16935 Rev 3
5/10
0041211J
Ceramic Leadless Chip Carrier 3 mechanical data
DIM.
mm.
MIN.
TYP
MAX.
A1.16
1.42
C
0.45
0.50
0.56
D0.76
E1
F1.902.15
G2.90
3.25
I2.40
2.74
J
0.40
0.57
0.80
K1.351.52
1.75
L0.50
M2.40
2.65
N1.90
R0.30



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com