Electronic Components Datasheet Search
  English  ▼

X  

2N5551HR Datasheet(PDF) 3 Page - STMicroelectronics

Part # 2N5551HR
Description  Hi-Rel NPN bipolar transistor 160 V - 0.5 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5551HR Datasheet(HTML) 3 Page - STMicroelectronics

  2N5551HR Datasheet HTML 1Page - STMicroelectronics 2N5551HR Datasheet HTML 2Page - STMicroelectronics 2N5551HR Datasheet HTML 3Page - STMicroelectronics 2N5551HR Datasheet HTML 4Page - STMicroelectronics 2N5551HR Datasheet HTML 5Page - STMicroelectronics 2N5551HR Datasheet HTML 6Page - STMicroelectronics 2N5551HR Datasheet HTML 7Page - STMicroelectronics 2N5551HR Datasheet HTML 8Page - STMicroelectronics 2N5551HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2N5551HR
Electrical characteristics
Doc ID 16935 Rev 3
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector-base cut-off
current (IE = 0)
VCB = 120 V
VCB = 120 V
TC = 150 °C
-
50
50
nA
µA
IEBO
Emitter-base cut-off
current (IC = 0)
VEB = 4 V
-
50
nA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
180
-
V
V(BR)CEO
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤ 1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 1 mA
160
-
V
V(BR)EBO
Emitter-base
breakdown voltage
(IC = 0)
IE = 10 µA
6
-
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 10 mA
IB = 1 mA
IC = 50 mA
IB = 5 mA
-
0.15
0.2
V
V
VBE(sat)
(1)
Base-emitter
saturation voltage
IC = 10 mA
IB = 1 mA
IC = 50 mA
IB = 5 mA
-
1
1
V
V
hFE
(1)
DC current gain
IC = 1 mA
VCE = 5 V
IC = 10 mA
VCE = 5 V
IC = 50 mA
VCE = 5 V
IC = 10 mA
VCE = 5 V
Tamb = - 55 °C
80
80
30
20
-
250
hfe
Small signal current
gain
VCE = 10 V
IC = 1 mA
f = 1 kHz
50
-
200
hfe
Small signal current
gain
VCE = 10 V
IC = 10 mA
f > 100 MHz
1-
Cobo
Output capacitance
(IE = 0)
VCB = 10 V
f = 1 MHz
-
6
pF
Cebo
Emitter-base
capacitance (IC = 0)
VEB = 5 V
f = 1 MHz
-
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com