Electronic Components Datasheet Search
  English  ▼

X  

07641921 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 07641921
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

07641921 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 07641921 Datasheet HTML 21Page - Tyco Electronics 07641921 Datasheet HTML 22Page - Tyco Electronics 07641921 Datasheet HTML 23Page - Tyco Electronics 07641921 Datasheet HTML 24Page - Tyco Electronics 07641921 Datasheet HTML 25Page - Tyco Electronics 07641921 Datasheet HTML 26Page - Tyco Electronics 07641921 Datasheet HTML 27Page - Tyco Electronics 07641921 Datasheet HTML 28Page - Tyco Electronics 07641921 Datasheet HTML 29Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
Ordering information
Available sizes and formats
Ordering
Marker dimensions
Printable area
Pack
description
(W x H)
(W x H)
size
mm
inches
mm
inches
TS
HLX104<color>1<format>025B
45.00 x 10.40
1.800 x 0.400
25.00 x 10.40
1.000 x 0.400
1000
HLX104<color>1<format>033B
52.00 x 10.40
2.100 x 0.400
33.00 x 10.40
1.300 x 0.400
1000
HLX104<color>1<format>038B
58.00 x 10.40
2.300 x 0.400
38.00 x 10.40
1.500 x 0.400
1000
HLX104<color>1<format>050B
70.00 x 10.40
2.750 x 0.400
50.00 x 10.40
2.000 x 0.400
1000
HLX104<color>1<format>070B
90.00 x 10.40
3.500 x 0.400
70.00 x 10.40
2.750 x 0.400
1000
HLX150<color>1<format>025B
45.00 x 15.00
1.800 x 0.600
25.00 x 15.00
1.000 x 0.600
500
HLX150<color>1<format>033B
52.00 x 15.00
2.100 x 0.600
33.00 x 15.00
1.300 x 0.600
500
HLX150<color>1<format>038B
58.00 x 15.00
2.300 x 0.600
38.00 x 15.00
1.500 x 0.600
500
HLX150<color>1<format>050B
70.00 x 15.00
2.750 x 0.600
50.00 x 15.00
2.000 x 0.600
500
HLX150<color>1<format>070B
90.00 x 15.00
3.500 x 0.600
70.00 x 15.00
2.750 x 0.600
500
HLX203<color>1<format>025B
45.00 x 20.30
1.800 x 0.800
25.00 x 20.30
1.000 x 0.800
500
HLX203<color>1<format>033B
52.00 x 20.30
2.100 x 0.800
33.00 x 20.30
1.300 x 0.800
500
HLX203<color>1<format>038B
58.00 x 20.30
2.300 x 0.800
38.00 x 20.30
1.500 x 0.800
500
HLX203<color>1<format>050B
70.00 x 20.30
2.750 x 0.800
50.00 x 20.30
2.000 x 0.800
500
HLX203<color>1<format>070B
90.00 x 20.30
3.500 x 0.800
70.00 x 20.30
2.750 x 0.800
500
HLX253<color>1<format>025B
45.00 x 25.30
1.800 x 1.000
25.00 x 25.30
1.000 x 1.000
250
HLX253<color>1<format>033B
52.00 x 25.30
2.100 x 1.000
33.00 x 25.30
1.300 x 1.000
250
HLX253<color>1<format>038B
58.00 x 25.30
2.300 x 1.000
38.00 x 25.30
1.500 x 1.000
250
HLX253<color>1<format>050B
70.00 x 25.30
2.750 x 1.000
50.00 x 25.30
2.000 x 1.000
250
HLX253<color>1<format>070B
90.00 x 25.30
3.500 x 1.000
70.00 x 25.30
2.750 x 1.000
250
Options
Prescoring
Not available on these products – this should always be 1.
Package sizes
Standard
B
Colors
Standard
White
Yellow
Code
WE
YW
Nonstandard
Red
Blue
Code
RD
BE
Format
TS – Thermal transfer (reel/single sided)
Printable width on marker
025
25mm
(1”)
033
33mm
(1.3”)
038
38mm
(1.5”)
050
50mm
(2”)
070
70mm
(2.75”)
Ordering information: Specify product name, marker height, color, scoring option (always 1), format, printable width, and pack size.
Ordering example: HLX150YW1TS033B
HLX Low fire hazard tie-on cable marker tags
25
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com