Electronic Components Datasheet Search
  English  ▼

X  

07641921 Datasheet(PDF) 33 Page - Tyco Electronics

Part # 07641921
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

07641921 Datasheet(HTML) 33 Page - Tyco Electronics

Back Button 07641921 Datasheet HTML 29Page - Tyco Electronics 07641921 Datasheet HTML 30Page - Tyco Electronics 07641921 Datasheet HTML 31Page - Tyco Electronics 07641921 Datasheet HTML 32Page - Tyco Electronics 07641921 Datasheet HTML 33Page - Tyco Electronics 07641921 Datasheet HTML 34Page - Tyco Electronics 07641921 Datasheet HTML 35Page - Tyco Electronics 07641921 Datasheet HTML 36Page - Tyco Electronics 07641921 Datasheet HTML 37Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
MultiMark Strip and Carriers insert marker for post termination identification
33
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
Ordering Information
Type
Format Number
Color
Size
Pack Qty
Marker length
082 = Polyolefin Label
5 = height 4mm
99 = White
01A
880 pcs.
15.0mm
MultiMark
94 = Yellow
03A
880 pcs.
30.0mm
05A
792 pcs.
10.0mm
.
02A
1760 pcs.
15.0mm
04A
1760 pcs.
30.0mm
06A
1848 pcs.
10.0mm
17A
1320 pcs.
20.0mm
18A
2640 pcs.
20.0mm
19A
3520 pcs.
15.0mm
Legends
Order Code
Marker
Length
Marker
Height
Pack
Quantity
Color
mm
inches
mm
inches
08259905A
10.2
0.4
4
0.16
792
White
08259906A
10.2
0.4
4
0.16
1848
White
08259901A
15.2
0.6
4
0.16
880
White
08259902A
15.2
0.6
4
0.16
1760
White
08259919A
15.2
0.6
4
0.16
3520
White
08259917A
20.2
0.8
4
0.16
1320
White
08259918A
20.2
0.8
4
0.16
2640
White
08259903A
30.2
1.2
4
0.16
880
White
08259904A
30.2
1.2
4
0.16
1760
White
08259405A
10.2
0.4
4
0.16
792
Yellow
08259406A
10.2
0.4
4
0.16
1848
Yellow
08259401A
15.2
0.6
4
0.16
880
Yellow
08259402A
15.2
0.6
4
0.16
1760
Yellow
08259419A
15.2
0.6
4
0.16
3520
Yellow
08259417A
20.2
0.8
4
0.16
1320
Yellow
08259418A
20.2
0.8
4
0.16
2640
Yellow
08259403A
30.2
1.2
4
0.16
880
Yellow
08259404A
30.2
1.2
4
0.16
1760
Yellow
Carriers
Order Code
For Cable Diameter (mm)
For Cable Size (mm
2)
Carrier Size
Carrier Length
Pack Quantity
0825001
1.8 - 4.0
0.5 - 1.5
0
-----
50m coil
0825016
1.8 - 4.0
0.5 - 1.5
0
16
1200 pcs
0825032
1.8 - 4.0
0.5 - 1.5
0
32
600 pcs
0825201
2.6 - 6.0
1.5 - 6.0
2
-----
30m coil
0825216
2.6 - 6.0
1.5 - 6.0
2
16
800 pcs
0825232
2.6 - 6.0
1.5 - 6.0
2
32
400 pcs
0825416
5.2 - 8.0
4.0 - 16.0
4
16
400 pcs
0825432
5.2 - 8.0
4.0 - 16.0
4
32
200 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com