Electronic Components Datasheet Search
  English  ▼

X  

07641921 Datasheet(PDF) 38 Page - Tyco Electronics

Part # 07641921
Description  tyco electronics contents
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

07641921 Datasheet(HTML) 38 Page - Tyco Electronics

Back Button 07641921 Datasheet HTML 34Page - Tyco Electronics 07641921 Datasheet HTML 35Page - Tyco Electronics 07641921 Datasheet HTML 36Page - Tyco Electronics 07641921 Datasheet HTML 37Page - Tyco Electronics 07641921 Datasheet HTML 38Page - Tyco Electronics 07641921 Datasheet HTML 39Page - Tyco Electronics 07641921 Datasheet HTML 40Page - Tyco Electronics 07641921 Datasheet HTML 41Page - Tyco Electronics 07641921 Datasheet HTML 42Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 85 page
background image
VF/NPVF/VF-130 Tedlar® color coding tape and labels
38
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Performance Labels
TTVF 6004 GN 2.5
Part numbering system (Die-Cut)
Pack size
Color
Label size (W x H)
Product family
TTVF 200
YW-100
Part numbering system (Continuous)
Length (feet)
Color
Width (inches)
Product family
This polyvinyl fluoride material is designed for use as a wire/cable
marker, label and wrap-around in the general aviation industry.
The product is ideal for a variety of harsh chemical environments
and where non-igniting/self-extinguishing properties are a
necessity. It is available in several application-defined types and
sizes and can be used with various printing technologies.
VF series
The VF series of Tedlar
® products is specifically designed for
wire/cable labeling. The product is dot matrix or thermal transfer
printable and is available in several continuous and die-cut formats
to fit a wide range of cables/cable bundles. The product meets all
the requirements of the BMS 13-47, DMS 2359 and GAT100BA
specifications, the benchmarks for pressure-sensitive wrap-around
labels in the aerospace industry.
NPVF Series
The NPVF Tedlar® is a non-printable, 12.7mm (0.5”) wide
and 30.48m (100’) long continuous tape designed for use
as a color-coded identifier for cables/cable bundles.
Besides identifying the bundle this product is wrapped
around, it also provides strength and rigidity to the bundle.
The product has all the features of the VF series of Tedlar®
products except for printability.
VF-130 Series
The VF-130 series is a range of clear non-printable Tedlar®
tapes designed for use as an over laminate on wires/bundle
identifiers where additional UV protection is required. These
tapes can be used over various types of identifiers like wrap
around labels, heat-shrink labels, tie-on cable labels and
pressure-sensitive markers.
Features and benefits
I Resists water, oil, conventional cleaning agents,
and oil based solvents
I Filters UV light
I Exhibits high degree of resistance to aging
I Meets the requirements of MIL-M-87958
I Available in several colors to facilitate color-coding
and clear for over laminating
Temperature rating
Operating temperature range
VF and NPVF
–40°C to +130°C
–40°F to +266°F
VF-130
–40°C to +105°C
–40°F to +221°F
VF-130
-40°C to 105°C
-40°F to 221°F
Specifications/approvals
Tyco Electronics
TTDS-005 (TTVF/DMVF)
TTDS-004 (NPVF)
Military
MIL-M-87958
DMS 2359
Industry
BMS-13-47
BACT 19
GAT100BA
Printer information
Tyco Electronics printer
AM6310 (dot matrix)
T308S* (thermal transfer)
*Size dependent. Contact Tyco
Electronics.
Tyco Electronics ribbon
1892BK01 (dot matrix)
1330-3300-10* (thermal transfer)
* Alternative printers and ribbons are available
for special applications. Contact Tyco
Electronics Electronics Identification for more
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com