Electronic Components Datasheet Search
  English  ▼

X  

STPM01 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 31Page - STMicroelectronics STPM01_11 Datasheet HTML 32Page - STMicroelectronics STPM01_11 Datasheet HTML 33Page - STMicroelectronics STPM01_11 Datasheet HTML 34Page - STMicroelectronics STPM01_11 Datasheet HTML 35Page - STMicroelectronics STPM01_11 Datasheet HTML 36Page - STMicroelectronics STPM01_11 Datasheet HTML 37Page - STMicroelectronics STPM01_11 Datasheet HTML 38Page - STMicroelectronics STPM01_11 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
35/60
000101
5
PST
3
Current channel sensor type, gain and tamper selection:
- PST=0: primary is coil x8 (x16 if ADDG=1), secondary is not used, no tamper
- PST=1: primary is coil x24 (x32 if ADDG=1), secondary is not used, no tamper
- PST=2: primary is CT x8, secondary is not used, no tamper
- PST=3: primary is shunt x32, secondary is not used, no tamper
- PST=4: primary is coil x8 (x16 if ADDG=1), secondary is coil x8 (x16 if
ADDG=1), tamper
- PST=5: primary is coil x24 (x32 if ADDG=1), secondary is coil x24 (x32 if
ADDG=1), tamper
- PST=6: primary is CT x8, secondary is CT x8, tamper
- PST=7: primary is CT x8, secondary is shunt x32, tamper
000110
6
000111
7 (1)
001000
8
FRS
1
Power calculation when BFR=1 and PST
≠4,5 (no single wire mode)
- FRS=0: energy accumulation is frozen, power is set to zero;
- FRS=1: normal energy accumulation and power computation (p=u*i);
001001
9
MSBF
1
Bit sequence output during record data reading selection:
- MSBF=0: msb first
- MSBF=1: lsb first
001010
10
FUND
1
This bit swap the information stored in the type0 (first 20 bits of DAP register)
and type1 (first 20 bits of DFP register) active energy.
- FUND = 0: type 0 contains wide band active energy, type1 contains
fundamental active energy
- FUND = 1: type 0 contains fundamental active energy, type1 contains wide
band active energy
001011
11
1
RESERVED
001100
12
LTCH
2
No load condition threshold as product between VRMS and IRMS:
LTCH=0
800
LTCH=1
1600
LTCH=2
3200
LTCH=3
6400
001101 13 (1)
001110
14
KMOT
2
Constant of stepper pulses/kWh (see par. 16) selection when APL=2 or 3:
If LVS=0,
KMOT=0
P/64
KMOT=1
P/128
KMOT=2
P/32
KMOT=3
P/256
If LVS=1,
KMOT=0
P/640
KMOT=1
P/1280
KMOT=2
P/320
KMOT=3
P/2560
001111 15 (1)
Selection of pulses for LED when APL=0:
KMOT=0
Type0 Active Energy
KMOT=1
Type1 Active Energy
KMOT=2
Reactive Energy
KMOT=3
Apparent Energy
Table 16.
Configuration bits map (continued)
Address
Name
n. of
bits
Description (1)
6-bit
binary
DEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com