Electronic Components Datasheet Search
  English  ▼

X  

STPM01 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 38Page - STMicroelectronics STPM01_11 Datasheet HTML 39Page - STMicroelectronics STPM01_11 Datasheet HTML 40Page - STMicroelectronics STPM01_11 Datasheet HTML 41Page - STMicroelectronics STPM01_11 Datasheet HTML 42Page - STMicroelectronics STPM01_11 Datasheet HTML 43Page - STMicroelectronics STPM01_11 Datasheet HTML 44Page - STMicroelectronics STPM01_11 Datasheet HTML 45Page - STMicroelectronics STPM01_11 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Theory of operation
STPM01
42/60
Doc ID 10853 Rev 8
t1 → t2: Latching phase. Interval value > 2/fCLK
t2 → t3: Data latched, SPI idle. Interval value > 30 ns
t3 → t4: Enable SPI for read operation. Interval value > 30 ns
t4 → t5: Serial clock counter is reset. Interval value > 30 ns
t5 → t6: SPI reset and enabled for read operation. Interval value > 30 ns
t7: Internal data transferred to SDATD
t8: SDATD data is stable and can be read
The system that reads the data record from the STPM01 should check the integrity of each
data record. If the check fails, the reading should be repeated, but this time only the shifting
should be applied otherwise a new data would be latched into transmission latches and
incorrectly read one would be lost.
Normally, each byte is read out as most significant bit (MSB) first. But this can be changed
by setting the MSBF configuration bit in the STPM01 CFL data record. If this is done, each
byte is read out as least significant bit (LSB) first.
8.23
Writing procedure
Each writable bit (configuration and mode bits) has its own 6-bit absolute address. For the
configuration bits, the 6-bit address value corresponds to its decimal value, while for the
mode bits the addresses are the ones indicated in the Mode Signal paragraph.
In order to change the state of some latch one must send to STPM01 a byte of data which is
normal way to send data via SPI. This byte consists of 1-bit data to be latched (MSB),
followed by 6-bit address of destination latch, followed by 1-bit don’t care data (LSB) which
makes total 8 bits of command byte.
For example, if we would like to set the configuration bit 47 (part of the secondary current
channel calibrator) to 0, we must convert the decimal 47 to its 6-bit binary value: 101111.
The byte command will be then composed like this:
1 bit DATA value+6-bits address+1 bit (0 or 1) as depicted in Figure 27. In this case the
binary command will be 01011111 (0x5F) which is the one depicted in the figure or
01011110 (0x5E).
Figure 27.
Timing for writing configuration and mode bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com