Electronic Components Datasheet Search
  English  ▼

X  

STPM01 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 41Page - STMicroelectronics STPM01_11 Datasheet HTML 42Page - STMicroelectronics STPM01_11 Datasheet HTML 43Page - STMicroelectronics STPM01_11 Datasheet HTML 44Page - STMicroelectronics STPM01_11 Datasheet HTML 45Page - STMicroelectronics STPM01_11 Datasheet HTML 46Page - STMicroelectronics STPM01_11 Datasheet HTML 47Page - STMicroelectronics STPM01_11 Datasheet HTML 48Page - STMicroelectronics STPM01_11 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
45/60
Equation 3
i(t) = I • sin (
ωt + ϕ);
where I is the peak current,
ω is related to the line frequency and ϕ is the phase difference
between voltage and current.
8.24.1
Active power
In the STPM01, after the pre-conditioning and the A/D conversion, the digital voltage signal
(which is dynamically more stable with respect to the current signal) is processed by a
differentiated stage which transforms:
Equation 4
v(t)
→ v’(t) = dv/dt = V
⋅ ω ⋅ cos ωt − [see Figure 28 - 5]
The resulted signal, together with the pre-processed and digitalized current signal:
Equation 5
i(t) = I
⋅ sin(ωt + ϕ); [see Figure 28 - 6]
are then available for the calculation process. These digital signals are also provided into
two additional stages which perform the integration of themselves, obtaining:
Figure 28.
Active energy computation diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com