Electronic Components Datasheet Search
  English  ▼

X  

STPS1045HR Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPS1045HR
Description  Aerospace 2 x 10 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045HR Datasheet(HTML) 6 Page - STMicroelectronics

  STPS1045HR Datasheet HTML 1Page - STMicroelectronics STPS1045HR Datasheet HTML 2Page - STMicroelectronics STPS1045HR Datasheet HTML 3Page - STMicroelectronics STPS1045HR Datasheet HTML 4Page - STMicroelectronics STPS1045HR Datasheet HTML 5Page - STMicroelectronics STPS1045HR Datasheet HTML 6Page - STMicroelectronics STPS1045HR Datasheet HTML 7Page - STMicroelectronics STPS1045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ordering Information
STPS1045HR
6/8
Doc ID 17640 Rev 1
4
Ordering Information
Table 7.
Ordering information
Order code
ESCC detailed
specification
Package
Lead finish
Marking
EPPL
Mass
(g)
Packing
STPS1045CS1
-
SMD.5
Gold
STPS1045CS1
-
2.0
Strip
pack
STPS1045CSHRB
5106/017/02
Gold
510601702
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com