Electronic Components Datasheet Search
  English  ▼

X  

STPS1045HR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS1045HR
Description  Aerospace 2 x 10 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045HR Datasheet(HTML) 5 Page - STMicroelectronics

  STPS1045HR Datasheet HTML 1Page - STMicroelectronics STPS1045HR Datasheet HTML 2Page - STMicroelectronics STPS1045HR Datasheet HTML 3Page - STMicroelectronics STPS1045HR Datasheet HTML 4Page - STMicroelectronics STPS1045HR Datasheet HTML 5Page - STMicroelectronics STPS1045HR Datasheet HTML 6Page - STMicroelectronics STPS1045HR Datasheet HTML 7Page - STMicroelectronics STPS1045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS1045HR
Package Information
Doc ID 17640 Rev 1
5/8
3
Package Information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 2.
Surface mount package (SMD.5), 3-terminal dimension definitions
Table 6.
Surface mount package (SMD.5), 3-terminal dimension values
Reference
Dimension in millimetres
Dimlension in inches
Min.
Max.
Min.
Max.
A
2.84
3.15
0.112
0.124
A1
0.25
0.51
0.010
0.20
b
7.13
7.39
0.281
0.291
b1
5.58
5.84
0.220
0.230
b2(1)
1.
2 locations
2.28
2.54
0.090
0.100
b3(1)
2.92
3.18
0.115
0.125
D
10.03
10.28
0.395
0.405
D1(1)
0.76
-
0.030
-
E
7.39
7.64
0.291
0.301
e(1)
1.91 BSC
0.075
1
2
3
A
A1
b
b1
b2
b3
D1
E
e
D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com