Electronic Components Datasheet Search
  English  ▼

X  

STPS1045HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1045HR
Description  Aerospace 2 x 10 A - 45 V Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1045HR Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1045HR Datasheet HTML 1Page - STMicroelectronics STPS1045HR Datasheet HTML 2Page - STMicroelectronics STPS1045HR Datasheet HTML 3Page - STMicroelectronics STPS1045HR Datasheet HTML 4Page - STMicroelectronics STPS1045HR Datasheet HTML 5Page - STMicroelectronics STPS1045HR Datasheet HTML 6Page - STMicroelectronics STPS1045HR Datasheet HTML 7Page - STMicroelectronics STPS1045HR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2010
Doc ID 17640 Rev 1
1/8
8
STPS1045HR
Aerospace 2 x 10 A - 45 V Schottky rectifier
Features
Forward current: 2 x 10 A
Repetitive peak voltage: 45 V
Low forward voltage drop: 0.75 V
Maximum junction temperature: 175 °C
Negligible switching losses
Low capacitance
High reverse avalanche surge capability
Hermetic package
Target radiation qualification:
– 150 krad (Si) low dose rate
– 1 Mrad high dose rate
ESCC qualified
Description
This power Schottky rectifier is designed and
packaged to comply with the ESCC5000
specification for aerospace products. Housed in a
hermetically sealed surface mount package, it is
ideal for use in applications for aerospace and
other harsh environments.
The STPS1045HR is intended for use in medium
voltage applications and in high frequency circuits
where low switching losses and low noise are
required.
SMD.5
Table 1.
Device summary
Order code
ESCC detailed
specification
Quality level
Configuration
Package
Lead
finish
EPPL
STPS1045CS1
-
Engineering
model
Double die
common cathode
SMD.5
Gold
-
STPS1045CSHRB
5106/017/02
ESCC flight
-
www.st.com


Similar Part No. - STPS1045HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045H STMICROELECTRONICS-STPS1045H Datasheet
70Kb / 5P
POWER SCHOTTKY RECTIFIER
May-2000
More results

Similar Description - STPS1045HR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20CTQ150 VISHAY-20CTQ150 Datasheet
111Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
20CTQS VISHAY-20CTQS Datasheet
135Kb / 6P
Schottky Rectifier, 2 x 10 A
22-Aug-08
MBRB2080CTGPBF VISHAY-MBRB2080CTGPBF Datasheet
128Kb / 7P
Schottky Rectifier, 2 x 10 A
08-Oct-08
MBR20100CTKPBF VISHAY-MBR20100CTKPBF_09 Datasheet
168Kb / 7P
Schottky Rectifier, 2 x 10 A
05-Oct-09
logo
STMicroelectronics
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS20100HR STMICROELECTRONICS-STPS20100HR Datasheet
91Kb / 10P
Aerospace 1 x 20 and 2 x 20 A - 100 V Schottky rectifier
25-Mar-2010
STPS40100HR STMICROELECTRONICS-STPS40100HR Datasheet
82Kb / 9P
Aerospace 2 x 20 A - 100 V Schottky rectifier
26-Mar-2010
1N5819U STMICROELECTRONICS-1N5819U Datasheet
226Kb / 10P
Aerospace 45 V power Schottky rectifier
December 2015 Rev 5
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com