Electronic Components Datasheet Search
  English  ▼

X  

STRH8N10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STRH8N10
Description  Rad-Hard N-channel 100 V, 6 A Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STRH8N10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STRH8N10 Datasheet HTML 6Page - STMicroelectronics STRH8N10 Datasheet HTML 7Page - STMicroelectronics STRH8N10 Datasheet HTML 8Page - STMicroelectronics STRH8N10 Datasheet HTML 9Page - STMicroelectronics STRH8N10 Datasheet HTML 10Page - STMicroelectronics STRH8N10 Datasheet HTML 11Page - STMicroelectronics STRH8N10 Datasheet HTML 12Page - STMicroelectronics STRH8N10 Datasheet HTML 13Page - STMicroelectronics STRH8N10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Electrical characteristics (curves)
STRH8N10
10/18
Doc ID 010029 Rev 2
4
Electrical characteristics (curves)
Figure 4.
Safe operating area
Figure 5.
Thermal impedance
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
ID
15
10
5
0
0
10
VDS(V)
20
(A)
20
25
VGS = 5 V
VGS = 6 V
VGS = 7 V
VGS = 10 V
HV33200
0.1
1.0
10.0
3.50
4.00
4.50
5.00
5.50
6.00
25°C
-55°C
150°C
VGS(V)
ID (A)
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDS = 50 V
ID = 8 A
ID = 4 A
ID = 2 A
12
HV33210
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
Ciss
Coss
Crss
HV33220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com