Electronic Components Datasheet Search
  English  ▼

X  

STA533WF Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA533WF
Description  18-volt, 3-amp, quad power half-bridge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA533WF_11 Datasheet HTML 5Page - STMicroelectronics STA533WF_11 Datasheet HTML 6Page - STMicroelectronics STA533WF_11 Datasheet HTML 7Page - STMicroelectronics STA533WF_11 Datasheet HTML 8Page - STMicroelectronics STA533WF_11 Datasheet HTML 9Page - STMicroelectronics STA533WF_11 Datasheet HTML 10Page - STMicroelectronics STA533WF_11 Datasheet HTML 11Page - STMicroelectronics STA533WF_11 Datasheet HTML 12Page - STMicroelectronics STA533WF_11 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STA533WF
Applications information
Doc ID 17658 Rev 2
9/15
Supply decoupling capacitors
To meet the performance figures given in this datasheet the STA533WF power supply must
be adequately filtered.
For this purpose capacitors connected from pins VCC1 to GND1 and from VCC2 to GND2
must be placed as close as possible to the related IC pins.
For reliability and optimum performance the following capacitors are suggested:
●
100-nF ceramic capacitor with lead length less than 2 mm, connected to the ground
plane and as close as possible to the GND pin
●
1-uF X7R (low ESR) capacitors.
Pin GNDREG is used to filter the internal reference voltage VDD; This pin must not be
connected to other ground pins, it is an internally generated supply.
Pin VCCSIG is used to filter the internal reference voltage VSS; This pin must not be
connected to other supply pins, it is an internally generated supply.
Output filter
A passive 2nd-order filter is used on the STA533WF power outputs to reconstruct an analog
audio signal. The system performance can be significantly affected by the output filter
design and choice of passive components.
Filter designs for 4-
Ω and 8-Ω loads are shown in the applications circuits below.
Applications circuits
Figure 6 shows a typical full-bridge circuit for supplying 20 W + 20 W into 8-
Ω speakers with
10% THD when VCC = 18 V.
Figure 7 shows a single-BTL configuration capable of supplying 40 W into a 4-
Ω load at
10% THD when VCC = 19 V. This result was obtained with peak power for <1 s using the
STA309A + STA533WF demo board.
For both applications circuits a PWM modulator is required as driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com