Electronic Components Datasheet Search
  English  ▼

X  

STA533WF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA533WF
Description  18-volt, 3-amp, quad power half-bridge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA533WF_11 Datasheet HTML 6Page - STMicroelectronics STA533WF_11 Datasheet HTML 7Page - STMicroelectronics STA533WF_11 Datasheet HTML 8Page - STMicroelectronics STA533WF_11 Datasheet HTML 9Page - STMicroelectronics STA533WF_11 Datasheet HTML 10Page - STMicroelectronics STA533WF_11 Datasheet HTML 11Page - STMicroelectronics STA533WF_11 Datasheet HTML 12Page - STMicroelectronics STA533WF_11 Datasheet HTML 13Page - STMicroelectronics STA533WF_11 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Figure 6.
Applications circuit for stereo full-bridge configuration
Figure 7.
Applications circuit for single-BTL configuration
C38
1nF
C39
1nF
L5
22uH
L6
22uH
C40
1nF
C41
1nF
C42
100nF
C43
100nF
C44
470nF
C45
330pF
C46
100nF
R11
22
1
2
J3
LEFT 8OHM
C47
100nF
R12
6.2
R13
6.2
L3
22uH
L4
22uH
C35
1nF
C37
1nF
C28
100nF
C20
100nF
C24
470nF
C26
330pF
C27
100nF
R6
22
1
2
J2
RIGHT 8OHM
C21
100nF
R7
6.2
R9
6.2
+
C36
1000uF/25V
TH W
3V3
R10
10k
RIGHT_B
Vcc
RIGHT_A
R8
10K
C31
100nF
C22
100nF
GNDSUB
1
OUT2B
2
OUT2B
3
VCC2B
4
GND2B
5
GND2A
6
VCC2A
7
OUT2A
8
OUT2A
9
OUT1B
10
OUT1B
11
VCC1B
12
GND1B
13
GND1A
14
VCC1A
15
OUT1A
16
OUT1A
17
NC
18
GNDCLEAN
19
GNDREG
20
VDD
21
22
VL
23
CONFIG
24
PWRDN
25
TRISTATE
26
FAULT
27
THWARN
28
IN1A
29
IN1B
30
IN2A
31
IN2B
32
VSS
33
VSS
34
VCCSIG
35
VCCSIG
36
U2
STA533WF
LEFT_B
3V3
C30
100nF
C29
100nF
C25
1uF 25V
C23
100nF
C33
1uF 25V
C32
100nF
EAPD
LEFT_A
VDD
C10
220nF
R4
3R3
R2
3R3
C7
220nF
C9
1nF
+
C19
1000uF/25V
C18
100nF
TH W
1
2
J1
OUT 4OHM
R3
10
C8
1uF
C4
220nF
R5
10k
C3
680pF
C11
220nF
Vcc
R1
10K
C14
100nF
C2
100nF
GNDSUB
1
OUT2B
2
OUT2B
3
VCC2B
4
GND2B
5
GND2A
6
VCC2A
7
OUT2A
8
OUT2A
9
OUT1B
10
OUT1B
11
VCC1B
12
GND1B
13
GND1A
14
VCC1A
15
OUT1A
16
OUT1A
17
NC
18
GNDCLEAN
19
GNDREG
20
VDD
21
VDD
22
VL
23
CONFIG
24
PWRDN
25
TRISTATE
26
FAULT
27
THWARN
28
IN1A
29
IN1B
30
IN2A
31
IN2B
32
VSS
33
34
VCCSIG
35
VCCSIG
36
U1
STA533WF
3V3
C13
100nF
C12
100nF
C6
1uF 25V
C1
100nF
L1
10uH
C17
1uF 25V
L2
10uH
C15
100nF
EAPD
C5
1nF
C16
1nF
INPUT_A
INPUT_B
VSS
3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com