Electronic Components Datasheet Search
  English  ▼

X  

STA533WF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA533WF
Description  18-volt, 3-amp, quad power half-bridge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA533WF Datasheet(HTML) 1 Page - STMicroelectronics

  STA533WF_11 Datasheet HTML 1Page - STMicroelectronics STA533WF_11 Datasheet HTML 2Page - STMicroelectronics STA533WF_11 Datasheet HTML 3Page - STMicroelectronics STA533WF_11 Datasheet HTML 4Page - STMicroelectronics STA533WF_11 Datasheet HTML 5Page - STMicroelectronics STA533WF_11 Datasheet HTML 6Page - STMicroelectronics STA533WF_11 Datasheet HTML 7Page - STMicroelectronics STA533WF_11 Datasheet HTML 8Page - STMicroelectronics STA533WF_11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
June 2011
Doc ID 17658 Rev 2
1/15
15
STA533WF
18-volt, 3-amp, quad power half-bridge
Features
Multipower BCD technology
Low input/output pulse width distortion
200-m
Ω RdsON complementary DMOS output
stage
CMOS-compatible logic inputs
Thermal protection
Thermal warning output
Undervoltage protection
Short-circuit protection
Description
The STA533WF is a monolithic quad half-bridge
stage in multipower BCD technology. The device
can be used as a dual bridge or reconfigured, by
connecting pin CONFIG to pins VDD, as a single
bridge with double-current capability.
The device is designed for the output stage of a
stereo Full Flexible Amplifier (FFX™). It is
capable of delivering 10 W x 4 channels into 4-
Ω
loads with 10% THD at VCC =18V in
single-ended configuration.
It can also deliver 20 W + 20 W into 8-
Ω loads
with 10% THD at VCC = 18 V in BTL configuration
or, in single parallel BTL configuration, 40 W into
a 4-
Ω load with 10% THD at VCC = 18 V.
The input pins have a threshold proportional to
the voltage on pin VL.
The STA533WF comes in a 36-pin PowerSSO
package with exposed pad down (EPD).
PowerSSO36 package
with exposed pad down
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA533WF
0 to 70 °C
PowerSSO36 EPD
Tube
STA533WF13TR
0 to 70 °C
PowerSSO36 EPD
Tape and reel
www.st.com


Similar Part No. - STA533WF_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA533WF13TR STMICROELECTRONICS-STA533WF13TR Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
More results

Similar Description - STA533WF_11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA500 STMICROELECTRONICS-STA500 Datasheet
201Kb / 10P
30V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA505 STMICROELECTRONICS-STA505 Datasheet
180Kb / 9P
40V 3.5A QUAD POWER HALF BRIDGE
Jul-2003
STA508 STMICROELECTRONICS-STA508 Datasheet
116Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
REV. 2
STA506 STMICROELECTRONICS-STA506 Datasheet
142Kb / 14P
40V 4A QUAD POWER HALF BRIDGE
Jun-2004
STA505 STMICROELECTRONICS-STA505_06 Datasheet
176Kb / 10P
40V 3.5A QUAD POWER HALF BRIDGE
Feb-2006
STA508 STMICROELECTRONICS-STA508_06 Datasheet
180Kb / 10P
40V 4.5A QUAD POWER HALF BRIDGE
Feb-2006
STA510A STMICROELECTRONICS-STA510A Datasheet
367Kb / 17P
44-volt, 5.5-amp, quad power half bridge
11-Mar-2010
STA515W STMICROELECTRONICS-STA515W Datasheet
287Kb / 14P
40-volt, 3-amp, quad power half bridge
27-Apr-2010
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
65-volt, 7.5-amp, quad power half bridge
16-Nov-2010
STA518A STMICROELECTRONICS-STA518A Datasheet
651Kb / 14P
45V 3.5A QUAD POWER HALF BRIDGE
REV. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com