Electronic Components Datasheet Search
  English  ▼

X  

STA540SAN Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 2Page - STMicroelectronics STA540SAN Datasheet HTML 3Page - STMicroelectronics STA540SAN Datasheet HTML 4Page - STMicroelectronics STA540SAN Datasheet HTML 5Page - STMicroelectronics STA540SAN Datasheet HTML 6Page - STMicroelectronics STA540SAN Datasheet HTML 7Page - STMicroelectronics STA540SAN Datasheet HTML 8Page - STMicroelectronics STA540SAN Datasheet HTML 9Page - STMicroelectronics STA540SAN Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Electrical specifications
STA540SAN
6/26
Doc ID 18306 Rev 1
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
3.3
Electrical characteristics
The results in Table 5 below were measured under the conditions VS = 15 V, RL = 4 Ω,
f = 1 kHz and Tamb = 25 °C unless otherwise specified. Refer also to the test circuit in
Figure 3 on page 8
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VSmax
Supply voltage idle mode (no signal)
24
V
Supply voltage operating
22
V
Supply voltage AC-DC short safe
20
V
VST_BYmax Voltage on pin ST_BY
VSmax
-
Ptot
Total power dissipation (Tcase = 70 °C)
35
W
Tstg, Tj
Storage and junction temperature
-40 to150
°C
Top
Operating temperature
0 to 70
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case
Thermal resistance junction to case
-
-
2.5
°C/W
Rth j-amb
Thermal resistance junction to ambient
-
-
45
°C/W
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VS
Supply voltage range
-
8
-
22
V
Id
Total quiescent drain current -
-
80
150
mA
Vos
Output offset voltage
-
-250
-
250
mV
Po
Output power
THD = 10%
6.5
7.5
-
W
THD = 10%, VS = 17 V
S.E. RL = 4 Ω
-10
-
W
THD = 10%, VS = 17 V
BTL, RL = 8 Ω
-20
-
W
THD
Distortion
RL = 4 Ω, Po = 0.1 to 4 W
-
0.02
-
%
ISC
Short-circuit current
-
-
3.5
-
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com