Electronic Components Datasheet Search
  English  ▼

X  

STA540SAN Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA540SAN
Description  4 x 10-watt dual/quad power amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540SAN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA540SAN Datasheet HTML 4Page - STMicroelectronics STA540SAN Datasheet HTML 5Page - STMicroelectronics STA540SAN Datasheet HTML 6Page - STMicroelectronics STA540SAN Datasheet HTML 7Page - STMicroelectronics STA540SAN Datasheet HTML 8Page - STMicroelectronics STA540SAN Datasheet HTML 9Page - STMicroelectronics STA540SAN Datasheet HTML 10Page - STMicroelectronics STA540SAN Datasheet HTML 11Page - STMicroelectronics STA540SAN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
4
Test and applications board
This chapter includes information about the test and applications board including the test circuit, board layout, and parts list.
Figure 3.
Test circuit
JP1, JP2 :
Open = SE
Closed = BTL
JP3, JP4 :
Open = SE
Closed = BTL
4 IN1
5 IN2
12 IN3
11 IN4
6 SVR
14
OUT4
15
OUT3
2
OUT2
1
OUT1
IC1
STA540SAN
CLIPWATT15
C5
1000 µF
50 V
C6
100 nF
25 V
R1
10K
R2
1K8
C7 2200 µF, 25 V
C9 2200 µF, 25 V
C10 2200 µF, 25 V
C8 2200 µF, 25 V
JP1
JUMPER2X1(DIP)
JP2
JUMPER2X1(DIP)
JP3
JUMPER2X1(DIP)
JP4
JUMPER2X1(DIP)
C1
0.22uF
C2 0.22uF
C3 0.22uF
C4
0.22uF
JP6
JUMPER2X1(DIP)
JP5
JUMPER2X1(DIP)
C11
47 µF
25 V
C12
10 µF
25 V
1
3
2
SW1
SLIDSWITCH-2.54-3P
TP
TP1
1
2
3
4
5
6
CN1
RCA4CH_6P
C13
100 nF
ZD1
DO7
1
2
CN7
CN-5-02P
1
2
CN3
CN-5-02P
1
2
CN4
CN-5-02P
1
2
CN5
CN-5-02P
1
2
CN6
CN-5-02P
VCC
PGND
SGND
SGND
SGND
SGND
SGND
VCC
VCC
PGND
PGND
PGND
PGND
PGND
PGND
Diagnostics
IN1
IN2
IN3
IN4
SGND
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com